Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GZF9V1C Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # GZF9V1C
Description  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

GZF9V1C Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  GZF9V1C Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited GZF9V1C Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited GZF9V1C Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS
Test
Current
IZT
IR
VR
m A
µ A
V
Min
Max
Typ
Max
Min
Max
Max
GZF3V6C
W5
3.4
3.8
100
4.0
8.0
-0.14
-0.04
100
1.0
GZF3V9C
W6
3.7
4.1
100
4.0
8.0
-0.14
-0.04
50
1.0
GZF4V3C
W7
4.0
4.6
100
4.0
7.0
-0.12
-0.02
25
1.0
GZF4V7C
W8
4.4
5.0
100
3.0
7.0
-0.1
0
10
1.0
GZF5V1C
W9
4.8
5.4
100
3.0
6.0
-0.08
0.2
5.0
1.0
GZF5V6C
WA
5.2
6.0
100
2.0
4.0
-0.04
0.04
10
2.0
GZF6V2C
WB
5.8
6.6
100
2.0
3.0
-0.01
0.06
5.0
2.0
GZF6V8C
WC
6.4
7.2
100
1.0
3.0
0
0.07
10
3.0
GZF7V5C
WD
7.0
7.9
100
1.0
2.0
0
0.07
50
3.0
GZF8V2C
WE
7.7
8.7
100
1.0
2.0
0.03
0.08
10
3.0
GZF9V1C
WF
8.5
9.6
50
2.0
4.0
0.03
0.08
10
5.0
GZF10C
WG
9.4
10.6
50
2.0
4.0
0.05
0.09
7.0
7.5
GZF11C
WH
10.4
11.6
50
4.0
7.0
0.05
0.1
4.0
8.2
GZF12C
WI
11.4
12.7
50
4.0
7.0
0.05
0.1
3.0
9
GZF13C
WK
12.4
14.1
50
5.0
10
0.05
0.1
2.0
10
GZF15C
WL
13.8
15.6
50
5.0
10
0.05
0.1
1.0
11
GZF16C
WM
15.3
17.1
25
6.0
15
0.06
0.11
1.0
12
GZF18C
WN
16.8
19.1
25
6.0
15
0.06
0.11
1.0
13
GZF20C
WO
18.8
21.2
25
6.0
15
0.06
0.11
1.0
15
GZF22C
WP
20.8
23.3
25
6.0
15
0.06
0.11
1.0
16
GZF24C
WR
22.8
25.6
25
7.0
15
0.06
0.11
1.0
18
GZF27C
WS
25.1
28.9
25
7.0
15
0.06
0.11
1.0
20
GZF30C
WT
28
32
25
8.0
15
0.06
0.11
1.0
22
GZF33C
WU
31
35
25
8.0
15
0.06
0.11
1.0
24
GZF36C
WW
34
38
10
21
40
0.06
0.11
1.0
27
GZF39C
WX
37
41
10
21
40
0.06
0.11
1.0
30
GZF43C
WY
40
46
10
24
45
0.07
0.12
1.0
33
GZF47C
WZ
44
50
10
24
45
0.07
0.12
1.0
36
GZF51C
X1
48
54
10
25
60
0.07
0.12
1.0
39
GZF56C
X2
52
60
10
25
60
0.07
0.12
1.0
43
GZF62C
X3
58
66
10
25
80
0.08
0.13
1.0
47
GZF68C
X4
64
72
10
25
80
0.08
0.13
1.0
51
GZF75C
X5
70
79
10
30
100
0.08
0.13
1.0
56
GZF82C
X6
77
87
10
30
100
0.08
0.13
1.0
62
GZF91C
X7
85
96
5.0
60
200
0.09
0.13
1.0
68
1)Pulse test:tp≤5ms
www.galaxycn.com
Temperature
Coeffizient
αVZ@IZ
%/℃
Type
Device
Marking
Code
Differential
Resistance
Maximum Reverse
Leakage Current
Zener Voltage
Range
(1)
VZ@IZT
V
rdif@IZT
BLGALAXYELECTRICAL
Document Number 0284036
2.


Similar Part No. - GZF9V1C

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
GZF9V1C LUGUANG-GZF9V1C Datasheet
187Kb / 3P
   Zener Diodes
logo
Vishay Siliconix
GZF9V1C VISHAY-GZF9V1C Datasheet
146Kb / 6P
   Zener Diodes
Rev. 1.7, 28-Jan-04
logo
Galaxy Semi-Conductor H...
GZF9V1C BILIN-GZF9V1C Datasheet
247Kb / 5P
   ZENER DIODES
More results

Similar Description - GZF9V1C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com