Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL4756 Datasheet(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

Part # DL4756
Description  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

DL4756 Datasheet(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited

  DL4756 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited DL4756 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited DL4756 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FIG.1 -- BREAKDOWN CHARACTERISTICS
RATINGSANDCHARACTERISTICCURVES
DL4728---DL4764
FIG.2 -- ADMISSIBLE POWER DISSIPATION VERSUS AMBIENT TEMPERATURE
W
1.0
0.8
0.6
0.2
0.4
0
0
100
200℃
Ptot
Tamb
mA
0
510
IZ
20
15
30 V
25
VZ
20
40
60
80
100
BLGALAXY ELECTRICAL
www.galaxycn.com
Document Number 0284021
3.


Similar Part No. - DL4756

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DL4756 MCC-DL4756 Datasheet
84Kb / 2P
   1 Watt Zener Diode 3.3 to 100 Volts
logo
Shenzhen Luguang Electr...
DL4756 LUGUANG-DL4756 Datasheet
192Kb / 3P
   Zener Diodes
logo
Micro Commercial Compon...
DL4756 MCC-DL4756 Datasheet
260Kb / 3P
   1 Watt Zener Diode 3.3 to 75 Volts
DL4756 MCC-DL4756 Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Diode Semiconductor Kor...
DL4756 DSK-DL4756 Datasheet
208Kb / 2P
   ZENER DIODES
More results

Similar Description - DL4756

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com