Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG444DYZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # DG444DYZ
Description  Monolithic, Quad SPST, CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG444DYZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button DG444DYZ Datasheet HTML 4Page - Intersil Corporation DG444DYZ Datasheet HTML 5Page - Intersil Corporation DG444DYZ Datasheet HTML 6Page - Intersil Corporation DG444DYZ Datasheet HTML 7Page - Intersil Corporation DG444DYZ Datasheet HTML 8Page - Intersil Corporation DG444DYZ Datasheet HTML 9Page - Intersil Corporation DG444DYZ Datasheet HTML 10Page - Intersil Corporation DG444DYZ Datasheet HTML 11Page - Intersil Corporation DG444DYZ Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
FN3586.10
June 4, 2007
FIGURE 20. SWITCHING TIME vs INPUT VOLTAGE (DG444)
(SINGLE 12V SUPPLY)
FIGURE 21. SWITCHING TIMES vs SINGLE SUPPLY VOLTAGE
FIGURE 22. CHARGE INJECTION vs SOURCE VOLTAGE
(SINGLE 12V SUPPLY)
FIGURE 23. SOURCE/DRAIN LEAKAGE CURRENTS (SINGLE
12V SUPPLY)
FIGURE 24. SOURCE/DRAIN CAPACITANCE vs ANALOG VOLTAGE (SINGLE 12V SUPPLY)
Typical Performance Curves (Continued)
23
4
5
V+ = +12V, V- = 0V
VL = 5V
tON
VIN (V)
400
300
200
100
0
tOFF
8
V- = 0V, VL = 5V
tON (444)
POSITIVE SUPPLY (V)
0
10
12
14
16
18
20
22
500
400
300
200
100
tON (445)
tOFF (445)
tOFF (444)
VS (V)
04
8
-10
0
10
20
V+ = 12V
V- = 0V
CL = 10nF
CL = 1nF
30
10
0
-10
-20
-30
-40
06
12
VS, VD (V)
IS(OFF), ID(OFF)
IS(ON) + ID(ON)
V+ = +12V
V- = 0V
FOR ID, VS = 0
FOR IS, VD = 0
20
15
10
5
0
06
12
VA (V)
V+ = +12V
V- = 0V
CS(OFF), CD(OFF)
CS(ON) + CD(ON)
DG444, DG445


Similar Part No. - DG444DYZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG444DYZ INTERSIL-DG444DYZ Datasheet
296Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
DG444DYZ RENESAS-DG444DYZ Datasheet
610Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Intersil Corporation
DG444DYZ-T INTERSIL-DG444DYZ-T Datasheet
308Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
More results

Similar Description - DG444DYZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG441883 INTERSIL-DG441883 Datasheet
262Kb / 12P
   Monolithic Quad SPST CMOS Analog Switches
DG411 INTERSIL-DG411_07 Datasheet
353Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG411A INTERSIL-DG411A Datasheet
249Kb / 10P
   Monolithic Quad SPST CMOS Analog Switches
DG411 INTERSIL-DG411_06 Datasheet
347Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG444 INTERSIL-DG444_06 Datasheet
296Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
DG441 RENESAS-DG441 Datasheet
498Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
Nov 20, 2006
logo
Vishay Siliconix
DG308A VISHAY-DG308A_11 Datasheet
163Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
Rev. G, 28-Feb-11
logo
Intersil Corporation
DG441 INTERSIL-DG441_06 Datasheet
365Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG201AMIL VISHAY-DG201AMIL Datasheet
101Kb / 9P
   Monolithic Quad SPST CMOS Analog Switches
Rev. G, 21-Feb-00
DG308A VISHAY-DG308A_V01 Datasheet
214Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com