Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CDP68HC68T1 Datasheet(PDF) 6 Page - Intersil Corporation

Part No. CDP68HC68T1
Description  CMOS Serial Real-Time Clock With RAM and Power Sense/Control
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP68HC68T1 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button CDP68HC68T1_07 Datasheet HTML 2Page - Intersil Corporation CDP68HC68T1_07 Datasheet HTML 3Page - Intersil Corporation CDP68HC68T1_07 Datasheet HTML 4Page - Intersil Corporation CDP68HC68T1_07 Datasheet HTML 5Page - Intersil Corporation CDP68HC68T1_07 Datasheet HTML 6Page - Intersil Corporation CDP68HC68T1_07 Datasheet HTML 7Page - Intersil Corporation CDP68HC68T1_07 Datasheet HTML 8Page - Intersil Corporation CDP68HC68T1_07 Datasheet HTML 9Page - Intersil Corporation CDP68HC68T1_07 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
FN1547.8
October 29, 2007
SECONDS
MINUTES
HOURS
DAY OF WEEK
DATE
MONTH
YEARS
NOT USED
SEC ALARM
MIN ALARM
HRS ALARM
NOT USED
NOT USED
NOT USED
NOT USED
NOT USED
STATUS REGISTER
CONTROL REGISTER
INTERRUPT CONTROL REGISTER
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
$20
$21
$22
$23
$24
$25
$26
$27
$28
$29
$2A
$2B
$2C
$2D
$2E
$2F
$30
$31
$32
CLOCK/CALENDAR
13 BYTES UNUSED
TEST MODE
32 RAM LOCATIONS
$00
$1F
$20
$32
$33
$3F
$55
85
63
51
50
32
31
0
R = READABLE
W = WRITABLE
R, W
R, W
R, W
R, W
R, W
R, W
R, W
W
W
W
R
R, W
R, W
FIGURE 2. ADDRESS MAP
TABLE 1. CLOCK/CALENDAR AND ALARM DATA MODES
ADDRESS LOCATION (H)
FUNCTION
DECIMAL RANGE
BCD DATA RANGE
BCD DATE EXAMPLE
(Note 4)
20
Seconds
0 to 59
00 to 59
18
21
Minutes
0 to 59
00 to 59
49
22
Hours
12 Hour Mode
(Note 5)
1 to 12
81 to 92 (AM)
A1 to B2 (PM)
A3
Hours
24 Hour Mode
0 to 23
00 to 23
15
23
Day of the Week
(Sunday = 1)
1 to 7
01 to 07
03
24
Day of the Month
(Date)
1 to 31
01 to 31
29
25
Month
Jan = 1, Dec = 12
1 to 12
01 to 12
10
26
Years
0 to 99
00 to 99
85
28
Alarm Seconds
0 to 59
00 to 59
18
29
Alarm Minutes
0 to 59
00 to 59
49
2A
Alarm Hours (Note 6)
12 Hour Mode
1 to 12
01 to 12 (AM)
21 to 32 (PM)
23
Alarm Hours
24 Hour Mode
0 to 23
00 to 23
15
NOTES:
4. Example: 3:49:18, Tuesday. Oct. 29,1985.
5. Most significant Bit, D7, is “0” for 24 hours, and “1” for 12 hour mode. Data Bit D5 is “1” for PM and ‘0” for AM in 12 hour mode.
6. Alarm hours. Data Bit D5 is “1” for PM and “0” for AM in 12 hour mode. Data Bits D7 and D6 are DON’T CARE.
CDP68HC68T1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn