Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EL1516 Datasheet(PDF) 5 Page - Intersil Corporation

Part No. EL1516
Description  Dual Ultra Low Noise Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

EL1516 Datasheet(HTML) 5 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
FN7328.2
May 3, 2007
DYNAMIC PERFORMANCE
SR
Slew Rate
VO = ±2.5V square wave, measured 25% to 75%
90
128
V/µs
TC SR
SR Temperature Coefficient
0.5
V/µs/°C
tS
Settling to 0.1% (AV = +2)
AV = +2, VO = ±1V
20
ns
BW1
-3dB Bandwidth
AV = -1, RF = 100Ω
350
MHz
BW2
-3dB Bandwidth
AV = +2, RF = 100Ω
250
MHz
HD2
2nd Harmonic Distortion
f = 1MHz, VO = 2VP-P, RL = 500Ω
125
dBc
f = 1MHz, VO = 2VP-P, RL = 150Ω
117
dBc
HD3
3rd Harmonic Distortion
f = 1MHz, VO = 2VP-P, RL = 500Ω
115
dBc
f = 1MHz, VO = 2VP-P, RL = 150Ω
110
dBc
ENABLE (EL1516AIY ONLY)
tEN
Enable Time
125
ns
tDIS
Disable Time
336
ns
IIHEN
EN Pin Input High Current
EN = VS+17
20
µA
IILEN
EN Pin Input Low Current
EN = VS-
7
20
nA
VIHEN
EN Pin Input High Voltage for
Power-down
VS+ -1
V
VIHEN
EN Pin Input Low Voltage for Power-up
VS- +3
V
Electrical Specifications
VS+ = +6V, VS- = -6V, RL = 500Ω and CL = 3pF to 0V, RF = RG = 620Ω, VCM = 0V, and TA = +25°C,
Unless Otherwise Specified. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Typical Performance Curves
FIGURE 1. NON-INVERTING FREQUENCY RESPONSE FOR
VARIOUS RF
FIGURE 2. NON-INVERTING FREQUENCY RESPONSE (GAIN)
1M
1G
10M
4
2
-6
FREQUENCY (Hz)
100M
-4
VS = ±6V
AV = +2
RL = 500Ω
0
-2
RF = 100Ω
RF = 1kΩ
RF = 348Ω
RF = 619Ω
VS = ±6V
RF = 348Ω
RL = 500Ω
AV = 10
AV = 5
AV = 2
1M
1G
10M
4
2
-6
FREQUENCY (Hz)
100M
-4
0
-2
EL1516, EL1516A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn