Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5234B Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # 1N5234B
Description  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

1N5234B Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  1N5234B Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 1N5234B Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 1N5234B Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Nominal Zener
Voltage
1)
Test
Current
Typical
Temperature
of Coeffizient
VZ
IZT
ZZT@IZT
ZZK@
IZK=0.25mA
αVZ@IZT
IRM
VR
VmA
ΩΩ
%/℃
µ A
V
1N5221B
2.4
20
30
1200
-0.085
100
1.0
1N5222B
2.5
20
30
1250
-0.085
100
1.0
1N5223B
2.7
20
30
1300
-0.080
75
1.0
1N5224B
2.8
20
30
1400
-0.080
75
1.0
1N5225B
3.0
20
29
1600
-0.075
50
1.0
1N5226B
3.3
20
28
1600
-0.070
25
1.0
1N5227B
3.6
20
24
1700
-0.065
15
1.0
1N5228B
3.9
20
23
1900
-0.060
10
1.0
1N5229B
4.3
20
22
2000
-0.055
5.0
1.0
1N5230B
4.7
20
19
1900
0.030
5.0
2.0
1N5231B
5.1
20
17
1600
0.030
5.0
2.0
1N5232B
5.6
20
11
1600
0.038
5.0
3.0
1N5233B
6.0
20
7.0
1600
0.038
5.0
3.5
1N5234B
6.2
20
7.0
1000
0.045
5.0
4.0
1N5235B
6.8
20
5.0
750
0.050
3.0
5.0
1N5236B
7.5
20
6.0
500
0.058
3.0
6.0
1N5237B
8.2
20
8.0
500
0.062
3.0
6.5
1N5238B
8.7
20
8.0
600
0.065
3.0
6.5
1N5239B
9.1
20
10
600
0.068
3.0
7.0
1N5240B
10
20
17
600
0.075
3.0
8.0
1N5241B
11
20
22
600
0.076
2.0
8.4
1N5242B
12
20
30
600
0.077
1.0
9.1
1N5243B
13
10
13
600
0.079
0.5
9.9
1N5244B
14
9.0
15
600
0.082
0.1
10
1N5245B
15
8.5
16
600
0.082
0.1
11
1N5246B
16
7.8
17
600
0.083
0.1
12
1N5247B
17
7.4
19
600
0.084
0.1
13
1N5248B
18
7.0
21
600
0.085
0.1
14
1N5249B
19
6.6
23
600
0.086
0.1
14
1N5250B
20
6.2
25
600
0.086
0.1
15
1N5251B
22
5.6
29
600
0.087
0.1
17
1N5252B
24
5.2
33
600
0.087
0.1
18
1N5253B
25
5.0
35
600
0.089
0.1
19
1N5254B
27
4.6
41
600
0.090
0.1
21
1N5255B
28
4.5
44
600
0.091
0.1
21
1N5256B
30
4.2
49
600
0.091
0.1
23
1N5257B
33
3.8
58
700
0.092
0.1
25
1N5258B
36
3.4
70
700
0.093
0.1
27
1N5259B
39
3.2
80
800
0.094
0.1
30
1N5260B
43
3.0
93
900
0.095
0.1
33
1N5261B
47
2.7
105
1000
0.095
0.1
36
1N5262B
51
2.5
125
1100
0.096
0.1
39
1N5263B
56
2.2
150
1300
0.096
0.1
43
1N5264B
60
2.1
170
1400
0.097
0.1
46
1N5265B
62
2.0
185
1400
0.097
0.1
47
1N5266B
68
1.8
230
1600
0.097
0.1
52
1N5267B
75
1.7
270
1700
0.098
0.1
56
1N5268B
85
1.5
330
2000
0.098
0.1
62
1N5269B
87
1.4
370
2200
0.099
0.1
68
1N5270B
91
1.4
400
2300
0.099
0.1
69
1N5271B
100
1.3
500
2600
0.099
0.1
76
1N5272B
110
1.1
750
3000
0.11
0.1
84
1N5273B
120
1.0
900
4000
0.11
0.1
91
1N5274B
130
0.95
1100
4500
0.11
0.1
99
1N5275B
140
0.90
1300
4500
0.11
0.1
106
1N5276B
150
0.95
1500
5000
0.11
0.1
114
1N5277B
160
0.80
1700
5500
0.11
0.1
122
1N5278B
170
0.74
1900
5500
0.11
0.1
129
1N5279B
180
0.68
2200
6000
0.11
0.1
137
1)Based on dc-measurement at thermal equilibrium; lead length=9.5(3/8");thermal resistance of heat sink=30K/W
ELECTRICAL CHARACTERISTICS (TA=25℃)
Maximum Reverse
Leakage Current
Type
Maximum Dynamic
Impedance
1)
www.galaxycn.com
BLGALAXYELECTRICAL
Document Number 0284001
2.


Similar Part No. - 1N5234B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N5234B VISHAY-1N5234B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
SeCoS Halbleitertechnol...
1N5234B SECOS-1N5234B Datasheet
122Kb / 2P
   500 mW , DO-35 Zener Diodes
logo
EIC discrete Semiconduc...
1N5234B EIC-1N5234B Datasheet
38Kb / 2P
   ZENER DIODES
logo
Weitron Technology
1N5234B WEITRON-1N5234B Datasheet
308Kb / 3P
   Surface Mount Zener Diodes
logo
Microdiode Electronics ...
1N5234B CHENDA-1N5234B Datasheet
184Kb / 3P
   ZENER DIODES
More results

Similar Description - 1N5234B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com