Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4734 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # 1N4734
Description  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

1N4734 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  1N4734 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 1N4734 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 1N4734 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GALAXY ELECTRICAL
FEATURES
Silicon planar power zener diodes
For use in stabilizing and clipping circuits with high
power rating.
Standard zener voltage tolerance is ±10%. Add
MECHANICAL DATA
Case:DO-41, glass case
Terminals: solderable per MIL-STD-202, method 208
Polarity: cathode band
Marking: type number
Approx. weight: 0.35 grams.
Forw ard voltage at IF=200mA
Ratings at 25
ambient temperature unless otherwise specified.
Z-current
IZ
PV/VZ
UNIT
VALUE
SYMBOL
1N4728 --- 1N4764
suffix "A" for ±5% tolerance. other zener voltage
ZENER DIODES
and tolerances are available upon request.
POWER DISSIPATION:
1.0 W
DO-41(GLASS)
W
Zener current (see Table "Characteristics")
Junction temperature
TJ
200
SYMBOL
VF
UNIT
MAX
TYP
MIN
1.2
V
Storage temperature range
Ts
-55---+200
Pow er dissipation @ Tamb 50
PDiss
1.01)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
K/W
100
RThJA
Junction ambient I=9.5mm(3/8 ), T
L=constant
BLGALAXY ELECTRICAL
Document Number 0284004
1.
www.galaxycn.com
BL
mA


Similar Part No. - 1N4734

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N4734 SURGE-1N4734 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Silicon Standard Corp.
1N4734 SSC-1N4734 Datasheet
173Kb / 3P
   Zener Diodes
logo
Nanjing International G...
1N4734 DGNJDZ-1N4734 Datasheet
954Kb / 2P
   1W ZENER DIODES
logo
Semtech Corporation
1N4734 SEMTECH-1N4734 Datasheet
251Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
Diotech Company.
1N4734 DIOTECH-1N4734 Datasheet
856Kb / 3P
   1W EPITAXIAL ZENER DIODE
More results

Similar Description - 1N4734

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com