Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MTZJ Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part No. MTZJ
Description  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BILIN [Galaxy Semi-Conductor Holdings Limited]
Homepage  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

MTZJ Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  MTZJ Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited MTZJ Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited MTZJ Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Test
current
IZT
IR
VR
ABC
Dm A
μAV
M TZJ2.0
1.880~2.100
2.020~2.200
-
-
5
120
0.5
M TZJ2.2
2.120~2.300
2.220~2.410
-
-
5
120
0.7
M TZJ2.4
2.330~2.520
2.430~2.630
-
-
5
120
1
M TZJ2.7
2.540~2.750
2.940~2.910
-
-
5
100
1
M TZJ3.0
2.850~3.070
3.010~3.220
-
-
5
50
1
M TZJ3.3
3.160~3.380
3.320~3.530
-
-
5
20
1
M TZJ3.6
3.455~3.695
3.600~3.845
-
-
5
10
1
M TZJ3.9
3.74~4.01
3.89~4.16
-
-
5
5
1
M TZJ4.3
4.04~4.29
4.17~4.43
4.30~4.57
-
5
5
1
M TZJ4.7
4.44~4.68
4.55~4.80
4.68~4.93
-
5
5
1
M TZJ5.1
4.81~5.07
4.94~5.20
5.09~5.37
-
5
5
1.5
M TZJ5.6
5.28~5.55
5.45~5.73
5.61~5.91
-
5
5
2.5
M TZJ6.2
5.78~6.09
5.96~6.27
6.12~6.44
-
5
5
3
M TZJ6.8
6.29~6.63
6.49~6.83
6.66~7.01
-
5
2
3.5
M TZJ7.5
6.85~7.22
7.07~7.45
7.29~7.67
-
5
0.5
4
M TZJ8.2
7.53~7.92
7.78~8.19
8.03~8.45
-
5
0.5
5
M TZJ9.1
8.29~8.73
8.57~9.01
8.83~9.30
-
5
0.5
6
M TZJ10
9.12~9.59
9.41~9.90
9.70~10.20
9.94~10.44
5
0.2
7
M TZJ11
10.18~10.71
10.50~11.05
10.82~11.38
-
5
0.2
8
M TZJ12
11.13~11.71
11.44~12.03
11.74~12.35
-
5
0.2
9
M TZJ13
12.11~12.75
12.55~13.21
12.99~13.66
-
5
0.2
10
M TZJ15
13.44~14.13
13.89~14.62
14.35~15.09
-
5
0.2
11
M TZJ16
14.80~15.57
15.25~16.04
15.69~16.51
-
5
0.2
12
M TZJ18
16.22~17.06
16.82~17.70
17.42~18.33
-
5
0.2
13
M TZJ20
18.02~18.96
18.63~19.59
19.23~20.00
19.72~20.72
5
0.2
15
M TZJ22
20.15~21.20
20.64~21.71
21.08~22.17
21.52~22.63
5
0.2
17
M TZJ24
22.05~23.18
22.61~23.77
23.12~24.31
23.63~24.85
5
0.2
19
M TZJ27
24.26~25.52
24.97~26.26
25.63~26.95
25.29~27.64
5
0.2
21
M TZJ30
26.99~28.39
27.70~29.13
28.36~29.82
29.02~30.51
5
0.2
23
M TZJ33
29.68~31.22
30.32~31.88
30.90~32.50
31.49~33.11
5
0.2
25
M TZJ36
32.14~33.79
32.79~34.49
33.40~35.13
34.01~35.77
5
0.2
27
M TZJ39
34.68~36.47
35.36~37.19
36.00~37.85
36.63~38.52
5
0.2
30
M TZJ39E
50.2
30
M TZJ39F
50.2
30
M TZJ39G
50.2
30
MTZJ43
50.2
33
MTZJ47
50.2
36
MTZJ51
50.2
39
MTZJ56
50.2
43
0.5
0.5
110
200
0.5
150
35
EL EC T R IC AL C H AR AC T ER IST IC S (T
A =25
)
110
0.5
35
120
110
85
95
150
200
0.5
0.5
200
200
200
200
0.5
110
0.5
120
0.5
0.5
120
0.5
0.5
120
1
100
0.5
20
20
0.5
150
0.5
1000
1
1
120
120
60
0.5
0.5
0.5
1000
1000
1000
0.5
500
300
900
800
1
0.5
1000
1
1
1
1000
1000
1000
110
55
65
75
37.36~39.29
38.14~40.11
30
40
80
100
100
40
45
45
55
100
100
1000
110
120
100
80
30
20
30
60
30
25
200
200
200
200
200
-
-
-
-
0.5
0.5
0.5
0.5
0.5
-
-
-
0.5
0.5
0.5
-
44.00~49.00
48.00~54.00
53.00~60.00
85
85
38.94~40.80
40.00~45.00
85
95
Maxim um
reverse leakage
current
ZZK@IZK
Ω
Ty pe
VZ(V)
IZK
mA
Nom inal zener voltage
Maxim um dynam ic
im pedance
ZZT @IZT
Ω
BLGALAXY ELECTRICAL
Document Number 0284005
2.
www.galaxycn.com


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
1N821_1TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 1 2 Microsemi Corporation
CZRW55C2V4-GSurface Mount Zener Diodes 1 2 3 4 Comchip Technology
SZ6A7.56.0W 8.0W and 10W 7.5 - 270 VOLTS ZENER DIODES 1 2 Solid States Devices, Inc
ZMD1Surface mount diode Zener silicon diodes 1 Semikron International
2EZ11_04GLASS PASSIVATED JUNCTION SILICON ZENER DIODES 1 2 3 4 Pan Jit International Inc.
BZX84CSURFACE MOUNT SILICON ZENER DIODES 1 2 3 4 5 Pan Jit International Inc.
BZX85CSILICON PLANAR ZENER DIODES 1 2 TRANSYS Electronics Limited
BZX55C2V41/2 Watt ZENER DIODES 2.4V to 91V 1 2 First Components International
BZV58C10_06Zener silicon diodes 1 Semikron International
1N821UR-1TEMPERATURE COMPENSATED ZENER DIODES 1 2 Microsemi Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn