Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS53C Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # SS53C
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SS53C Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  SS53C Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SS53C Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BLGALAXY ELECTRICAL
Document Number 0281012
2.
Resistive or
inductive Load
2.0
0
50
4.0
60
70
80
90
100 110 120 130 140
150 160
6.0
8.0
SS52C-SS54C
SS55C-SS56C
P.C.B.MOUNTED ON
0.55"X0.55"(14.0X14.0mm)
COPPERPAD AREAS
0
0.01
0.1
1
10.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
30.0
1.6
TJ=125 C
TJ=150 C
TJ=25 C
Puise Width=300
S
1%DUTY CYCLE
SS52C-SS54C
SS55C-SS56C
O
O
O
TJ=125 C
TJ=25 C
0
0
TJ=75 C
0
SS52C-SS54C
SS55C-SS56C
1
0.001
0.01
0.1
20
10
20
0
406080
100
TJ=25 C
f=1.0MHz
Vsig=50mVp-p
SS52C-SS54C
SS55C-SS56C
O
1000
10
100
100
0.1
1.0
10
0.1
0.1
1
100
100
1
0.01
10
10
www.galaxycn.com
REVERSE VOLTAGE,VOLTS
PULSE DURATION,SEC
FIG.5-TYPICAL JUNCTION CAPACITANCE
FIG.6-- TYPICAL TRANSIENT THERMAL IMPEDANCE
NUMBER OF CYCLES AT 60HZ
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
AMBIENT TEMPERATURE ℃
RATINGS AND CHARACTERISTIC CURVES
SS52C---SS56C
FIG.3 -- TYPICAL FORWARD CHARACTERISTICS
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
FIG.1 -- FORWARD DERATING CURVE
FIG.2-- PEAK FORWARD SURGE CURRENT
200
0
15
10
25
75
50
125
100
150
175
50
100
TJ=TJMAX.
8.3ms Single Half Sine-Wave
(JEDEC Method)


Similar Part No. - SS53C

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SS53C LUGUANG-SS53C Datasheet
175Kb / 2P
   Surface Mount Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
SS53C DSK-SS53C Datasheet
285Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SS53C BILIN-SS53C Datasheet
177Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS53C BILIN-SS53C Datasheet
539Kb / 4P
   Schottky Barrier Rectifiers
logo
Microdiode Electronics ...
SS53C CHENDA-SS53C Datasheet
897Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS53C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com