Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS52C Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # SS52C
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SS52C Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SS52C Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SS52C Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
℃ ambient temperature unless otherwise specified
SS54C
SS55C
SS56C
S2C
S4C
S5C
S6C
Maximum recurrent peak reverse voltage
V
RRM
40
50
60
V
Maximum RMS voltage
VRWS
28
35
42
V
Maximum DC blocking voltage
VDC
40
50
60
V
Maximum average forw ord rectified current at
c
T
L(SEE FIG.1) (NOTE 2)
I(AV)
A
Peak forw ard surge current 8.3ms single half-
sine-w ave superimposed on rated load(JEDEC
c
Method)
IFSM
A
Maximum instantaneous forw ard voltage at
v
5.0A(NOTE.1)
VF
V
Maximum DC reverse current @T
A=25℃
at rated DC blockjing voltage(NOTE1) @T
A=100℃
RθJA
RθJL
Operating junction and storage temperature range
TSTG
Storage temperature range
TJ
0.5
55
17
I
R
NOTE: 1.Pulse test:300μS pulse width,1%duty cycle
SS52C---SS56C
2. P.C.B.mounted with 0.55"X0.55"(14.0X14.0mm2)copper pad areas
REVERSE VOLTAGE: 20 --- 60 V
CURRENT: 5.0 A
Built-in strain relief
Case:JEDEC DO-214AB,molded plastic over
1111
passivated chip
Dev ice marking code
Low power loss,high effciency
Plastic package has Underwriters Laborator
111
Flammability Classification 94V-0
Typical thermal resitance (NOTE2)
℃/W
SS53C
High temperature soldering guaranteed:250oC/10 1
11
seconds at terminals
SS52C
Polarity: Color band denotes cathode end
Weight: 0.007 ounces, 0.21 gram
mA
UNITS
20
DO - 214AB(SMC)
Low profile package
For surface mounted applications
30
14
21
20
Terminals:Solder Plated, solderable per MIL-STD-750,
1111
Method 2026
High current capability,low forward voltage drop
30
175
5.0
For use in low voltage high frequency inverters,free
111
wheeling and polarity protection applications
Guardring for overvoltage protection
S3C
GALAXY ELECTRICAL
-65--- +150
-65--- +150
-65--- +150
0.55
0.70
20
10
Metal silicon junction, majority carrier conduction
High surge capability
www.galaxycn.com
BL
Document Number 0281012
BLGALAXY ELECTRICAL
1.
inch(mm)
BARRIER RECTIFIERS
SURFACE MOUNT SCHOTTKY


Similar Part No. - SS52C

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SS52C LUGUANG-SS52C Datasheet
175Kb / 2P
   Surface Mount Schottky Barrier Rectifiers
logo
Microdiode Electronics ...
SS52C CHENDA-SS52C Datasheet
75Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jing Heng Electro...
SS52C JINGHENG-SS52C Datasheet
50Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Diode Semiconductor Kor...
SS52C DSK-SS52C Datasheet
285Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SS52C BILIN-SS52C Datasheet
177Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS52C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com