Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28439ZXC Datasheet(PDF) 2 Page - SpectraLinear Inc

Part # CY28439ZXC
Description  Clock Generator for Intel Grantsdale Chipset
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28439ZXC Datasheet(HTML) 2 Page - SpectraLinear Inc

  CY28439ZXC Datasheet HTML 1Page - SpectraLinear Inc CY28439ZXC Datasheet HTML 2Page - SpectraLinear Inc CY28439ZXC Datasheet HTML 3Page - SpectraLinear Inc CY28439ZXC Datasheet HTML 4Page - SpectraLinear Inc CY28439ZXC Datasheet HTML 5Page - SpectraLinear Inc CY28439ZXC Datasheet HTML 6Page - SpectraLinear Inc CY28439ZXC Datasheet HTML 7Page - SpectraLinear Inc CY28439ZXC Datasheet HTML 8Page - SpectraLinear Inc CY28439ZXC Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
CY28439
Rev 1.0, November 21, 2006
Page 2 of 21
Pin Description
Pin No.
Name
Type
Description
6,56
VDD_PCI
PWR
3.3V power supply for outputs.
1,5
VSS_PCI
GND
Ground for outputs.
3
FS_E/PCI4
I,O,
PU,SE
3.3V-tolerant input for CPU frequency selection/33-MHz clock.
Refer to DC Electrical Specifications table for Vil_FS and Vih_FS specifications.
2,4,53,54,
55
PCI
O, SE 33-MHz clocks.
7PCIF0
O,SE
33-MHz free running clock
8
FS_A/PCIF1
I/O,PD,
SE
3.3V-tolerant input for CPU frequency selection/Free running 33-MHz clock.
Refer to DC Electrical Specifications table for Vil_FS and Vih_FS specifications.
9
FS_B/PCIF2
I/O,PU,
SE
3.3V-tolerant input for CPU frequency selection/Free running 33-MHz clock.
Refer to DC Electrical Specifications table for Vil_FS and Vih_FS specifications.
16
VTT_PWRGD#/PD
I, PD
3.3V LVTTL input. This pin is a level sensitive strobe used to latch the FS_A, FS_B,
FS_C,FS_D, FS_E, SEL24_48. After VTT_PWRGD# (active LOW) assertion, this pin
becomes a real-time input for asserting power down (active HIGH).
10
VDD_48
PWR
3.3V power supply for outputs.
11
SEL24_48#/24_48
M
I/O, PD,
SE
Latched select input for 24-/48-MHz output/ 24-/48-MHz output
0 = 48 MHz, 1 = 24 MHz
12
USB48
I/O,
48-MHz clock output.
13
VSS_48
GND
Ground for outputs.
14,15
DOT96T, DOT96C
O, DIF Fixed 96-MHz clock output.
17,18,21,
22,23,24,
30,31,32,
33
SRCT/C
O, DIF Differential serial reference clocks. Outputs have overclocking capability.
19,28,34
VDD_SRC
PWR
3.3V power supply for outputs.
26,27
SRCT/C_SATAT/C
O, DIF Differential serial reference clock. Recommended output for SATA.
20,25,29
VSS_SRC
GND
Ground for outputs.
35
VDDA
PWR
3.3V power supply for PLL.
36
VSSA
GND
Ground for PLL.
37
IREF
I
A precision resistor is attached to this pin, which is connected to the internal current
reference.
41
VDD_CPU
PWR
3.3V power supply for outputs.
39,40,42,43 CPUT/C
O, DIF Differential CPU clock outputs.
38
VSS_CPU
GND
Ground for outputs.
45
SCLK
I
SMBus-compatible SCLOCK.
44
SDATA
I/O
SMBus-compatible SDATA.
46
VDD_REF
PWR
3.3V power supply for outputs.
47
XOUT
O, SE 14.318-MHz crystal output.
48
XIN
I
14.318-MHz crystal input.
49
VSS_REF
GND
Ground for outputs.
50
REF0/FS_D
I/O, SE,
PD
3.3V-tolerant input for CPU frequency selection/Reference clock. Refer to DC
Electrical Specifications table for Vil_FS and Vih_FS specifications.
51
REF1/FS_C
O, SE,
PD
3.3V-tolerant input for CPU frequency selection/Reference clock.
Selects test mode if pulled to VIHFS_C when VTT_PWRGD# is asserted low.
Refer to DC Electrical Specifications table for VILFS_C,VIMFS_C,VIHFS_C specifica-
tions.
52
SRESET#
O, SE 3.3V output for Watchdog reset.
This output is open drain type with a high (>100-k ) internal pull-up resistor.


Similar Part No. - CY28439ZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28439ZXC CYPRESS-CY28439ZXC Datasheet
297Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
logo
SpectraLinear Inc
CY28439ZXC-2 SPECTRALINEAR-CY28439ZXC-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28439ZXC-2 CYPRESS-CY28439ZXC-2 Datasheet
297Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
logo
SpectraLinear Inc
CY28439ZXC-2T SPECTRALINEAR-CY28439ZXC-2T Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28439ZXC-2T CYPRESS-CY28439ZXC-2T Datasheet
297Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
More results

Similar Description - CY28439ZXC

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28410 CYPRESS-CY28410 Datasheet
281Kb / 18P
   Clock Generator for Intel Grantsdale Chipset
logo
SpectraLinear Inc
CY28410-2 SPECTRALINEAR-CY28410-2 Datasheet
219Kb / 16P
   Clock Generator for Intel Grantsdale Chipset
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28439 CYPRESS-CY28439 Datasheet
297Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28410-2 CYPRESS-CY28410-2 Datasheet
280Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 CYPRESS-CY28435 Datasheet
306Kb / 23P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 CYPRESS-CY28439-2 Datasheet
297Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com