Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV431BCM5 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV431BCM5
Description  Low-Voltage (1.24V) Adjustable Precision Shunt
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV431BCM5 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMV431BCM5 Datasheet HTML 2Page - National Semiconductor (TI) LMV431BCM5 Datasheet HTML 3Page - National Semiconductor (TI) LMV431BCM5 Datasheet HTML 4Page - National Semiconductor (TI) LMV431BCM5 Datasheet HTML 5Page - National Semiconductor (TI) LMV431BCM5 Datasheet HTML 6Page - National Semiconductor (TI) LMV431BCM5 Datasheet HTML 7Page - National Semiconductor (TI) LMV431BCM5 Datasheet HTML 8Page - National Semiconductor (TI) LMV431BCM5 Datasheet HTML 9Page - National Semiconductor (TI) LMV431BCM5 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LMV431AI Electrical Characteristics
T
A = 25˚C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
REF
Reference Voltage
V
Z =VREF,IZ = 10mA
(See Figure 1 )
T
A = 25˚C
1.228
1.24
1.252
T
A = Full Range
1.215
1.265
V
V
DEV
Deviation of Reference Input Voltage
Over Temperature (Note 4)
V
Z =VREF,IZ = 10mA,
T
A = Full Range (See Figure 1)
620
mV
Ratio of the Change in Reference
Voltage to the Change in Cathode
Voltage
I
Z = 10mA (see Figure 2 )
V
Z from VREF to 6V
R
1 = 10k, R2 = and 2.6k
−1.5
−2.7
mV/V
I
REF
Reference Input Current
R
1 = 10k
Ω,R
2 =
I
I = 10mA (see Figure 2)
0.15
0.5
µA
∝I
REF
Deviation of Reference Input Current
over Temperature
R
1 = 10k
Ω,R
2 = ,
I
I = 10mA, TA = Full Range (see Figure 2)
0.1
0.4
µA
I
Z(MIN)
Minimum Cathode Current for
Regulation
V
Z =VREF (see Figure 1)
55
80
µA
I
Z(OFF)
Off-State Current
V
Z = 6V, VREF =0V (see Figure 3 )
0.001
0.1
µA
r
Z
Dynamic Output Impedance (Note 5)
V
Z =VREF,IZ = 0.1mA to 15mA
Frequency = 0Hz (see Figure 1)
0.25
0.4
LMV431BC Electrical Characteristics
T
A = 25˚C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
REF
Reference Voltage
V
Z =VREF,IZ = 10mA
(See Figure 1 )
T
A = 25˚C
1.234
1.24
1.246
T
A = Full Range
1.227
1.253
V
V
DEV
Deviation of Reference Input Voltage
Over Temperature (Note 4)
V
Z =VREF,IZ = 10mA,
T
A = Full Range (See Figure 1)
412
mV
Ratio of the Change in Reference
Voltage to the Change in Cathode
Voltage
I
Z = 10mA (see Figure 2 )
V
Z from VREF to 6V
R
1 = 10k, R2 = and 2.6k
−1.5
−2.7
mV/V
I
REF
Reference Input Current
R
1 = 10k
Ω,R
2 =
I
I = 10mA (see Figure 2)
0.15
0.50
µA
∝I
REF
Deviation of Reference Input Current
over Temperature
R
1 = 10k
Ω,R
2 = ,
I
I = 10mA, TA = Full Range (see Figure 2)
0.05
0.3
µA
I
Z(MIN)
Minimum Cathode Current for
Regulation
V
Z =VREF (see Figure 1)
55
80
µA
I
Z(OFF)
Off-State Current
V
Z = 6V, VREF =0V (see Figure 3 )
0.001
0.1
µA
r
Z
Dynamic Output Impedance (Note 5)
V
Z =VREF,IZ = 0.1mA to 15mA
Frequency = 0Hz (see Figure 1)
0.25
0.4
LMV431BI Electrical Characteristics
T
A = 25˚C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
REF
Reference Voltage
V
Z =VREF,IZ = 10mA
(See Figure 1 )
T
A = 25˚C
1.234
1.24
1.246
T
A = Full Range
1.224
1.259
V
V
DEV
Deviation of Reference Input Voltage
Over Temperature (Note 4)
V
Z =VREF,IZ = 10mA,
T
A = Full Range (See Figure 1)
620
mV
Ratio of the Change in Reference
Voltage to the Change in Cathode
Voltage
I
Z = 10mA (see Figure 2 )
V
Z from VREF to 6V
R
1 = 10k, R2 = and 2.6k
−1.5
−2.7
mV/V
I
REF
Reference Input Current
R
1 = 10k
Ω,R
2 =
I
I = 10mA (see Figure 2)
0.15
0.50
µA
www.national.com
6


Similar Part No. - LMV431BCM5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV431BCM5 NSC-LMV431BCM5 Datasheet
556Kb / 16P
   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
logo
Texas Instruments
LMV431BCM5 TI1-LMV431BCM5 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
LMV431BCM5/NOPB TI1-LMV431BCM5/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
logo
National Semiconductor ...
LMV431BCM5X NSC-LMV431BCM5X Datasheet
556Kb / 16P
   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
logo
Texas Instruments
LMV431BCM5X TI1-LMV431BCM5X Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
More results

Similar Description - LMV431BCM5

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L Datasheet
164Kb / 16P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z_08 Datasheet
139Kb / 6P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
L431L ETC2-L431L Datasheet
562Kb / 11P
   1.24V Low-Voltage Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_10 Datasheet
755Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432 HTC-TL432_10 Datasheet
470Kb / 7P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
TL432 HTC-TL432 Datasheet
165Kb / 5P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
National Semiconductor ...
LMV431 NSC-LMV431 Datasheet
556Kb / 16P
   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
logo
Aimtron Technology
AT431 AIMTRON-AT431 Datasheet
328Kb / 11P
   1.24V low-Voltage Adjustable Precision Shunt Regulator
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z Datasheet
131Kb / 6P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_12 Datasheet
703Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com