Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4140ACMX-4.1 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4140ACMX-4.1
Description  High Precision Low Noise Low Dropout Voltage
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4140ACMX-4.1 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4140ACMX-4.1 Datasheet HTML 1Page - National Semiconductor (TI) LM4140ACMX-4.1 Datasheet HTML 2Page - National Semiconductor (TI) LM4140ACMX-4.1 Datasheet HTML 3Page - National Semiconductor (TI) LM4140ACMX-4.1 Datasheet HTML 4Page - National Semiconductor (TI) LM4140ACMX-4.1 Datasheet HTML 5Page - National Semiconductor (TI) LM4140ACMX-4.1 Datasheet HTML 6Page - National Semiconductor (TI) LM4140ACMX-4.1 Datasheet HTML 7Page - National Semiconductor (TI) LM4140ACMX-4.1 Datasheet HTML 8Page - National Semiconductor (TI) LM4140ACMX-4.1 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
LM4140 Typical Performance Characteristics
Unless otherwise specified, T
A = 25˚C, No Load, COUT =
1µF, V
IN = 3.0V for LM4140-1.024 and LM4140-1.250, and
5V for all other voltage options. V
IN =VEN.
Power Up/Down Ground Current
Enable Response
10107905
10107906
* The 1µF output capacitor is actively discharged to ground.
See ON/OFF Operation section for more details.
Line Transient Response
Load Transient Response
10107907
10107908
www.national.com
5


Similar Part No. - LM4140ACMX-4.1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4140ACMX-4.1 NSC-LM4140ACMX-4.1 Datasheet
439Kb / 15P
   High Precision Low Noise Low Dropout Voltage
logo
Texas Instruments
LM4140ACMX-4.1/NOPB TI-LM4140ACMX-4.1/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   High Precision Low Noise Low Dropout Voltage Reference
More results

Similar Description - LM4140ACMX-4.1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4140 NSC-LM4140 Datasheet
439Kb / 15P
   High Precision Low Noise Low Dropout Voltage
logo
Texas Instruments
LM4140 TI-LM4140_15 Datasheet
1Mb / 23P
[Old version datasheet]   High Precision Low Noise Low Dropout Voltage Reference
LM4132 TI1-LM4132 Datasheet
1Mb / 41P
[Old version datasheet]   Precision Low Dropout Voltage Reference
logo
New Japan Radio
NJM2863 NJRC-NJM2863 Datasheet
134Kb / 7P
   Ultra Low Noise Low Dropout Voltage Regulator
logo
Nisshinbo Micro Devices...
RX5RZ NISSHINBO-RX5RZ Datasheet
716Kb / 20P
   LOW DROPOUT AND LOW NOISE VOLTAGE REGULATOR
logo
ams AG
AS13986 AMSCO-AS13986 Datasheet
650Kb / 13P
   Dual Low-Noise, Low-Dropout Voltage Regulator
logo
RICOH electronics devic...
RX5RZ RICOH-RX5RZ Datasheet
552Kb / 19P
   LOW DROPOUT AND LOW NOISE VOLTAGE REGULATOR
logo
Maxim Integrated Produc...
MAX6070 MAXIM-MAX6070_V01 Datasheet
6Mb / 26P
   Low-Noise, High-Precision Series Voltage References
2020
MAX6070 MAXIM-MAX6070 Datasheet
2Mb / 24P
   Low-Noise, High-Precision Series Voltage References
Rev 2; 3/13
MAX6070 MAXIM-MAX6070_19 Datasheet
5Mb / 26P
   Low-Noise, High-Precision Series Voltage References
19-6355; Rev 12; 3/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com