Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4051BEM3-1.2 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4051BEM3-1.2
Description  Precision Micropower Shunt Voltage Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4051BEM3-1.2 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM4051BEM3-1.2 Datasheet HTML 1Page - National Semiconductor (TI) LM4051BEM3-1.2 Datasheet HTML 2Page - National Semiconductor (TI) LM4051BEM3-1.2 Datasheet HTML 3Page - National Semiconductor (TI) LM4051BEM3-1.2 Datasheet HTML 4Page - National Semiconductor (TI) LM4051BEM3-1.2 Datasheet HTML 5Page - National Semiconductor (TI) LM4051BEM3-1.2 Datasheet HTML 6Page - National Semiconductor (TI) LM4051BEM3-1.2 Datasheet HTML 7Page - National Semiconductor (TI) LM4051BEM3-1.2 Datasheet HTML 8Page - National Semiconductor (TI) LM4051BEM3-1.2 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Ordering Information
Industrial Temperature Range (−40˚C to +85˚C)
Reverse Breakdown
Voltage Tolerance at 25˚C and Average
Reverse Breakdown
Voltage Temperature Coefficient
LM4051 Supplied as 1000 Units,
Tape and Reel
LM4051 Supplied as 3000 Units,
Tape and Reel
±0.1%, 50 ppm/˚C max (A grade)
LM4051AIM3-1.2
LM4051AIM3X-1.2
LM4051AIM3-ADJ
LM4051AIM3X-ADJ
±0.2%, 50 ppm/˚C max (B grade)
LM4051BIM3-1.2
LM4051BIM3X-1.2
LM4051BIM3-ADJ
LM4051BIM3X-ADJ
±0.5%, 50 ppm/˚C max (C grade)
LM4051CIM3-1.2
LM4051CIM3X-1.2
LM4051CIM3-ADJ
LM4051CIM3X-ADJ
Extended Temperature Range (−40˚C to +125˚C)
Reverse Breakdown
Voltage Tolerance at 25˚C and Average
Reverse Breakdown
Voltage Temperature Coefficient
LM4051 Supplied as 1000 Units,
Tape and Reel
LM4051 Supplied as 3000 Units,
Tape and Reel
±0.1%, 50 ppm/˚C max (A grade)
LM4051AEM3-1.2
LM4051AEM3X-1.2
LM4051AEM3-ADJ
LM4051AEM3X-ADJ
±0.2%, 50 ppm/˚C max (B grade)
LM4051BEM3-1.2
LM4051BEM3X-1.2
LM4051BEM3-ADJ
LM4051BEM3X-ADJ
±0.5%, 50 ppm/˚C max (C grade)
LM4051CEM3-1.2
LM4051CEM3X-1.2
LM4051CEM3-ADJ
LM4051CEM3X-ADJ
SOT-23 Package Marking Information
Only three fields of marking are possible on the SOT-23’s small surface. This table gives the meaning of
the three fields.
Part Marking
Field Definition
RHA
First Field:
RIA
R = Reference
RHB
Second Field:
RIB
H = 1.225V Voltage Option
RHC
I = Adjustable
RIC
Third Field:
A–C = Initial Reverse Breakdown
Voltage or Reference Voltage Tolerance
A= ±0.1%, B = ±0.2%, C = ±0.5%
www.national.com
2


Similar Part No. - LM4051BEM3-1.2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4051BEM3-1.2 TI1-LM4051BEM3-1.2 Datasheet
779Kb / 16P
[Old version datasheet]   LM4051 Precision Micropower Shunt Voltage Reference
LM4051BEM3-1.2 TI-LM4051BEM3-1.2 Datasheet
725Kb / 16P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
logo
Maxim Integrated Produc...
LM4051BEM3-1.2+T MAXIM-LM4051BEM3-1.2+T Datasheet
251Kb / 13P
   50ppm/째C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Rev 4; 5/09
LM4051BEM3-1.2-T MAXIM-LM4051BEM3-1.2-T Datasheet
287Kb / 14P
   50ppm/°C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Rev 3; 3/06
logo
Texas Instruments
LM4051BEM3-1.2/NOPB TI-LM4051BEM3-1.2/NOPB Datasheet
725Kb / 16P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
More results

Similar Description - LM4051BEM3-1.2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com