Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8534AR Datasheet(PDF) 9 Page - Analog Devices

Part # AD8534AR
Description  Low Cost, 250 mA Output, Single-Supply Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8534AR Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8534AR Datasheet HTML 5Page - Analog Devices AD8534AR Datasheet HTML 6Page - Analog Devices AD8534AR Datasheet HTML 7Page - Analog Devices AD8534AR Datasheet HTML 8Page - Analog Devices AD8534AR Datasheet HTML 9Page - Analog Devices AD8534AR Datasheet HTML 10Page - Analog Devices AD8534AR Datasheet HTML 11Page - Analog Devices AD8534AR Datasheet HTML 12Page - Analog Devices AD8534AR Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD8531/AD8532/AD8534
Rev. F | Page 9 of 20
FREQUENCY (Hz)
140
120
40
60
80
100
20
0
–20
–40
–60
100
1k
10k
100k
1M
10M
VS = 5V
TA = 25°C
PSSR+
PSSR–
Figure 24. Power Supply Rejection vs. Frequency
CAPACITANCE (pF)
50
40
30
10
20
0
10
100
1000
10000
VS = 2.7V
TA = 25°C
RL = 2kΩ
–OS
+OS
Figure 25. Small Signal Overshoot vs. Load Capacitance
CAPACITANCE (pF)
60
50
40
30
10
20
0
10
100
1000
10000
VS = 5V
TA = 25°C
RL = 2kΩ
–OS
+OS
Figure 26. Small Signal Overshoot vs. Load Capacitance
CAPACITANCE (pF)
50
40
30
10
20
0
10
100
1000
10000
VS = 5V
TA = 25°C
RL = 600Ω
–OS
+OS
Figure 27. Small Signal Overshoot vs. Load Capacitance
CAPACITANCE (pF)
50
40
30
10
20
0
10
100
1000
10000
VS = 2.7V
TA = 25°C
RL = 600Ω
–OS
+OS
Figure 28. Small Signal Overshoot vs. Load Capacitance
TEMPERATURE (°C)
0.85
0.80
0.75
0.70
0.65
0.60
0.55
0.50
0.90
–20
–40
0
20
40
60
80
VS = 5V
VS = 3V
Figure 29. Supply Current per Amplifier vs. Temperature


Similar Part No. - AD8534AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8534AR AD-AD8534AR Datasheet
417Kb / 16P
   Low Cost, 250 mA Output Single-Supply Amplifiers
REV. D
AD8534ARU AD-AD8534ARU Datasheet
417Kb / 16P
   Low Cost, 250 mA Output Single-Supply Amplifiers
REV. D
More results

Similar Description - AD8534AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8531 AD-AD8531 Datasheet
417Kb / 16P
   Low Cost, 250 mA Output Single-Supply Amplifiers
REV. D
AD8534 AD-AD8534_15 Datasheet
508Kb / 20P
   Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
logo
Texas Instruments
TPS65133 TI-TPS65133 Datasheet
1Mb / 19P
[Old version datasheet]   5 V, 250 mA Dual Output Power Supply
TPS65133_15 TI-TPS65133_15_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS65133 짹5-V, 250-mA Dual-Output Power Supply
logo
Analog Devices
AD8279ARZ AD-AD8279ARZ Datasheet
513Kb / 24P
   Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
REV. C
logo
Texas Instruments
TLV171 TI1-TLV171_16 Datasheet
1Mb / 38P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV171 TI1-TLV171 Datasheet
1Mb / 40P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV172 TI1-TLV172 Datasheet
2Mb / 42P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
logo
Analog Devices
AD8223 AD-AD8223_16 Datasheet
414Kb / 21P
   Single-Supply, Low Cost Instrumentation Amplifier
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504_13 Datasheet
145Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com