Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6260 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6260
Description  4.5 ??5.5V DISK DRIVER SPINDLE & VCM, POWER & CONTROL COMBO?셎
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6260 Datasheet(HTML) 1 Page - STMicroelectronics

  L6260 Datasheet HTML 1Page - STMicroelectronics L6260 Datasheet HTML 2Page - STMicroelectronics L6260 Datasheet HTML 3Page - STMicroelectronics L6260 Datasheet HTML 4Page - STMicroelectronics L6260 Datasheet HTML 5Page - STMicroelectronics L6260 Datasheet HTML 6Page - STMicroelectronics L6260 Datasheet HTML 7Page - STMicroelectronics L6260 Datasheet HTML 8Page - STMicroelectronics L6260 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
L6260
4.5 – 5.5V DISK DRIVER SPINDLE & VCM,
POWER & CONTROL COMBO’S
GENERAL
5V OPERATION. *REGISTER BASED ARCHI-
TECTURE
MINIMUM EXTERNAL COMPONENTS
SLEEP
AND
IDLE
MODES
FOR
LOW
POWER CONSUMPTION
SELECTABLE GAINS FOR BOTH V.C.M.
AND SPINDLE
10 BIT (+ SIGN + GAIN ) VCM & 8 BIT SPIN-
DLE DACs
HIGH BANDWIDTH SPEED REGULATION
LOOP (ONCE PER MECH\ELEC CYCLE AC-
CURACY)
VCM DRIVER
CURRENT SENSE CONTROL (VOLTAGE
PROPORTIONAL TO CURRENT)
300mA DRIVE CAPABILITY
TWO CURRENT RANGES FOR SEEKING
AND TRACKING
INTERNAL REGISTER FOR POWER AMP
CONTROL LINES
SPINDLE DRIVER
BEMF PROCESSING FOR SENSORLESS
MOTOR COMMUTATION
PROGRAMMABLE COMMUTATION PHASE
DELAY
PROGRAMMABLE SLEW-RATE FOR RE-
DUCED E.M.I.
0.8
Ω FOR ANY HALF BRIDGE WORST CASE
SYNCHRONOUS RECTIFICATION OF THE
B.E.M.F. DURING RETRACT OPERATION
BIPOLAR \ TRIPOLAR OPERATION
SYNTHESIZED HALL OUTPUTS
1.0 AMP DRIVE CAPABILITY
OTHER FUNCTIONS
POWER UP SEQUENCING
POWER DOWN SEQUENCING
LOW VOLTAGE SENSE
ACTUATOR RETRACTION
DYNAMIC BRAKE
THERMAL SHUTDOWN
THERMAL & CURRENT PROTECTION
DESCRIPTION
The L6260 is single chip sensorless (DC) spindle
motor and voice coil controllers including power
stages suitable for use in small disk drives.
These devices have a serial interface for a micro-
processor running up to 10 Mega bits per second.
There are registers on chip to allow the setting of
the desired spindle speed via the on chip Fre-
quency Locked Loop (F.L.L.). No external compo-
nents are required in the sensor-less operation as
the control functions are integrated on chip (e.g.
B.E.M.F. processing, digital masking, digital delay
and sequencing).
The V.C.M. drivers uses a transconductance am-
plifier, able to provide 2 different current ranges,
suitable for seeking and tracking.
When a low voltage is detected, a Power On Re-
set (P.O.R.) is issued and the internal registers
are reset, the spindle power circuitry is tri-stated,
B.E.M.F. synchronous rectification is enabled, the
actuator retracts and then dynamic braking of the
spindle is applied.
These devices are built in BICMOS technology al-
lowing dense digital circuitry to be combined with
MOS\Bipolar power devices.
November 1996
TQFP64
ORDERING NUMBER: L6260
BICMOS TECHNOLOGY
1/30


Similar Part No. - L6260

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6268 STMICROELECTRONICS-L6268 Datasheet
109Kb / 17P
   12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
L6269 STMICROELECTRONICS-L6269 Datasheet
109Kb / 17P
   12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
More results

Similar Description - L6260

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13557AFH HITACHI-HA13557AFH Datasheet
120Kb / 28P
   Combo (Spindle & VCM) Driver
HA13561F HITACHI-HA13561F Datasheet
114Kb / 26P
   Combo (Spindle & VCM) Driver
logo
STMicroelectronics
L6268 STMICROELECTRONICS-L6268 Datasheet
109Kb / 17P
   12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
L6275 STMICROELECTRONICS-L6275 Datasheet
109Kb / 17P
   5V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
L6254 STMICROELECTRONICS-L6254 Datasheet
109Kb / 17P
   12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
April 1999
L6269 STMICROELECTRONICS-L6269 Datasheet
109Kb / 17P
   12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
logo
Hitachi Semiconductor
HA13566AF HITACHI-HA13566AF Datasheet
83Kb / 20P
   Combo (Spindle & VCM) Driver
HA13614FH HITACHI-HA13614FH Datasheet
122Kb / 26P
   Combo (Spindle & VCM) Driver
logo
STMicroelectronics
L7220 STMICROELECTRONICS-L7220 Datasheet
79Kb / 4P
   Disk drive spindle and VCM motor driver
L7200 STMICROELECTRONICS-L7200 Datasheet
262Kb / 23P
   MOZART, 12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com