Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8206 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8206
Description  Single-Supply, 42 V System Difference Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8206 Datasheet(HTML) 5 Page - Analog Devices

  AD8206_05 Datasheet HTML 1Page - Analog Devices AD8206_05 Datasheet HTML 2Page - Analog Devices AD8206_05 Datasheet HTML 3Page - Analog Devices AD8206_05 Datasheet HTML 4Page - Analog Devices AD8206_05 Datasheet HTML 5Page - Analog Devices AD8206_05 Datasheet HTML 6Page - Analog Devices AD8206_05 Datasheet HTML 7Page - Analog Devices AD8206_05 Datasheet HTML 8Page - Analog Devices AD8206_05 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD8206
Rev. 0 | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 2. Metallization Diagram
NC = NO CONNECT
AD8206
TOP VIEW
(Not to Scale)
–IN
1
GND
2
VREF2 3
NC
4
+IN
VREF1
V+
OUT
8
7
6
5
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
X
Y
1
−IN
−209
+486
2
GND
−447
+34
3
VREF2
−432
−480
4
NC
N/A
N/A
5
OUT
+444
−495
6
V+
+444
−227
7
VREF1
+456
+342
8
+IN
+207
+486
Die size is 1245 μm by 1400 μm.
Die thickness is 13 mil.
Minimum passivation opening (minimum bond pad size)
is 92 μm × 92 μm.
Passivation type is 8KA USG (Oxide) + 10KA Oxynitride.
Bond pad metal composition is 98.5% Al, 1% Si, and 0.5% Cu.
Backside potential is V+.


Similar Part No. - AD8206_05

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8206WHRZ AD-AD8206WHRZ Datasheet
466Kb / 16P
   High Common-Mode Voltage, Bidirectional Current Shunt Amplifier
REV. B
AD8206WHRZ-RL AD-AD8206WHRZ-RL Datasheet
466Kb / 16P
   High Common-Mode Voltage, Bidirectional Current Shunt Amplifier
REV. B
AD8206WYRZ AD-AD8206WYRZ Datasheet
466Kb / 16P
   High Common-Mode Voltage, Bidirectional Current Shunt Amplifier
REV. B
AD8206WYRZ-R7 AD-AD8206WYRZ-R7 Datasheet
466Kb / 16P
   High Common-Mode Voltage, Bidirectional Current Shunt Amplifier
REV. B
AD8206WYRZ-RL AD-AD8206WYRZ-RL Datasheet
466Kb / 16P
   High Common-Mode Voltage, Bidirectional Current Shunt Amplifier
REV. B
More results

Similar Description - AD8206_05

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8205 AD-AD8205 Datasheet
308Kb / 12P
   Single-Supply 42 V System Difference Amplifier
REV. 0
AD8205YRZ AD-AD8205YRZ Datasheet
457Kb / 12P
   Single-Supply 42 V System Difference Amplifier
REV. D
AD8205YRZ AD-AD8205YRZ Datasheet
457Kb / 12P
   Single-Supply 42 V System Difference Amplifier
REV. D
AD8206 AD-AD8206 Datasheet
262Kb / 12P
   Single-Supply 42 V System Difference Amplifier
Rev. PrA
logo
Burr-Brown (TI)
INA152 BURR-BROWN-INA152 Datasheet
243Kb / 15P
   Single-Supply DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA152 TI1-INA152 Datasheet
792Kb / 18P
[Old version datasheet]   Single-Supply DIFFERENCE AMPLIFIER
INA132U TI1-INA132U Datasheet
320Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA132U2K5E4 TI1-INA132U2K5E4 Datasheet
339Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Linear Technology
LT6552 LINER-LT6552_15 Datasheet
360Kb / 16P
   3.3V Single Supply Video Difference Amplifier
LT6552 LINER-LT6552 Datasheet
350Kb / 16P
   3.3V Single Supply Video Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com