Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8502 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8502
Description  1 關A Micropower CMOS Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8502 Datasheet(HTML) 1 Page - Analog Devices

  AD8502 Datasheet HTML 1Page - Analog Devices AD8502 Datasheet HTML 2Page - Analog Devices AD8502 Datasheet HTML 3Page - Analog Devices AD8502 Datasheet HTML 4Page - Analog Devices AD8502 Datasheet HTML 5Page - Analog Devices AD8502 Datasheet HTML 6Page - Analog Devices AD8502 Datasheet HTML 7Page - Analog Devices AD8502 Datasheet HTML 8Page - Analog Devices AD8502 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1 μA Micropower CMOS
Operational Amplifiers
AD8502/AD8504
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Supply current: 1 μA maximum/amplifier
Offset voltage: 3 mV maximum
Single-supply or dual-supply operation
Rail-to-rail input and output
No phase reversal
Unity gain stable
APPLICATIONS
Portable equipment
Remote sensors
Low power filters
Threshold detectors
Current sensing
PIN CONFIGURATIONS
OUT A 1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8502
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead SOT-23
1
2
3
4
5
6
7
AD8504
–IN A
+IN A
V+
OUT B
–IN B
+IN B
OUT A
14
13
12
11
10
9
8
–IN D
+IN D
V–
OUT C
–IN C
+IN C
OUT D
TOP VIEW
(Not to Scale)
Figure 2. 14-Lead TSSOP (RU-14)
GENERAL DESCRIPTION
The AD8502/AD8504 are low power, precision CMOS operational
amplifiers featuring a maximum supply current of 1 μA. The
AD8502/AD8504 have a maximum offset voltage of 3 mV and a
typical input bias current of 1 pA operating rail-to-rail on both
the input and output. The AD8502/AD8504 can operate from a
single-supply voltage of +1.8 V to +5.5 V or a dual-supply
voltage of ±0.9 V to ±2.75 V.
With its low power consumption, low input bias current, and
rail-to-rail input and output, the AD8502/AD8504 are ideally
suited for a variety of battery-powered portable applications.
Potential applications include bedside monitors, pulse monitors,
glucose meters, smoke and fire detectors, vibration monitors,
and backup battery sensors.
The ability to swing rail-to-rail at both the input and output
helps maximize dynamic range and signal-to-noise ratio in
systems that operate at very low voltages. The low offset voltage
allows use of the AD8502/AD8504 in systems with high gain
without creating excessively large output offset errors. The
AD8502 and AD8504 offer an additional benefit by providing
high accuracy without the need for system calibration.
The AD8502/AD8504 are fully specified over the industrial
temperature range (−40°C to +85°C) and the extended indus-
trial temperature range (−40°C to +125°C). The AD8502 is
available in an 8-lead, SOT-23 surface-mount package. The
AD8504 is available in a 14-lead TSSOP surface-mount package.


Similar Part No. - AD8502

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8502 AD-AD8502 Datasheet
155Kb / 6P
   1關 Micropower Precision CMOS Operational Amplifier
Rev. PrB
AD8502 AD-AD8502 Datasheet
696Kb / 24P
   22 關A, RRIO, CMOS, 18 V
REV. B
AD8502 AD-AD8502 Datasheet
210Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV.D
AD8502ARJZ-R2 AD-AD8502ARJZ-R2 Datasheet
525Kb / 16P
   1 muA Micropower CMOS Operational Amplifiers
REV. A
AD8502ARJZ-REEL AD-AD8502ARJZ-REEL Datasheet
525Kb / 16P
   1 muA Micropower CMOS Operational Amplifiers
REV. A
More results

Similar Description - AD8502

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8504ARUZ AD-AD8504ARUZ Datasheet
525Kb / 16P
   1 muA Micropower CMOS Operational Amplifiers
REV. A
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TSV6390 STMICROELECTRONICS-TSV6390 Datasheet
1Mb / 22P
   Micropower (60 關A), wide bandwidth (2.4 MHz) CMOS operational amplifiers
December 2015 Rev 2
logo
Analog Devices
AD8502 AD-AD8502 Datasheet
155Kb / 6P
   1關 Micropower Precision CMOS Operational Amplifier
Rev. PrB
logo
Unisonic Technologies
OPA2336 UTC-OPA2336 Datasheet
168Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TSV629X STMICROELECTRONICS-TSV629X Datasheet
917Kb / 25P
   Micropower, wide bandwidth CMOS operational amplifiers
logo
Unisonic Technologies
OPA2336 UTC-OPA2336_17 Datasheet
140Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
OPA2336 UTC-OPA2336_15 Datasheet
157Kb / 6P
   SINGLE-SUPPLY MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Shenzhen Huazhimei Semi...
HM8521 HMSEMI-HM8521 Datasheet
1Mb / 12P
   3.4關A, 90kHz, RRIO CMOS Operational Amplifiers
HM8631 HMSEMI-HM8631 Datasheet
2Mb / 13P
   520關A, 6.5MHz, RRIO CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com