Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM45 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LM45
Description  SOT-23 Precision Centigrade Temperature Sensors
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

LM45 Datasheet(HTML) 5 Page - National Semiconductor (TI)

 
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Typical Performance Characteristics To generate these curves the LM45 was mounted to a printed
circuit board as shown in Figure 3. (Continued)
Quiescent Current
vs Temperature
(In Circuit of Figure 2)
Accuracy vs Temperature
(Guaranteed)
01175430
01175431
Noise Voltage
Supply Voltage
vs Supply Current
01175432
01175433
Start-Up Response
01175434
www.national.com
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM35APrecision Centigrade Temperature Sensors 1 2 3 4 5 MoreNational Semiconductor (TI)
LM50BSOT-23 Single-Supply Centigrade Temperature Sensor 1 2 3 4 5 MoreNational Semiconductor (TI)
LM34_00Precision Fahrenheit Temperature Sensors 1 2 3 4 5 MoreNational Semiconductor (TI)
MPXM2202200 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors 1 2 3 4 5 MoreFreescale Semiconductor, Inc
SCX01DNPrecision Compensated Pressure Sensors 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MAX6602Five-Channel Precision Temperature Monitor 1 2 3 4 5 MoreMaxim Integrated Products
X60003B-50_06Precision 5.0V SOT-23 FGA™ Voltage Reference 1 2 3 4 5 MoreIntersil Corporation
ADT6501Low Cost 2.7 V to 5.5 V Micropower Temperature Switches in SOT-23 1 2 3 4 5 MoreAnalog Devices

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn