Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8042 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8042
Description  Dual 160 MHz Rail-to-Rail Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8042 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8042 Datasheet HTML 3Page - Analog Devices AD8042 Datasheet HTML 4Page - Analog Devices AD8042 Datasheet HTML 5Page - Analog Devices AD8042 Datasheet HTML 6Page - Analog Devices AD8042 Datasheet HTML 7Page - Analog Devices AD8042 Datasheet HTML 8Page - Analog Devices AD8042 Datasheet HTML 9Page - Analog Devices AD8042 Datasheet HTML 10Page - Analog Devices AD8042 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8042
Rev. E | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
100
90
80
70
60
50
40
30
20
10
0
–6
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
VOS (mV)
VS = 5V
T = 25°C
140 PARTS, SIDE 1 & 2
MEAN = –1.52mV
STD DEVIATION = 1.15
SAMPLE SIZE = 280
(140 AD8042s)
Figure 5. Typical Distribution of VOS
30
25
20
15
10
5
0
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
VOS DRIFT (µV/°C)
VS = 5V
MEAN = –12.6µV/°C
STD DEVIATION = 2.02µV/°C
SAMPLE SIZE = 60
Figure 6. VOS Drift Over −40°C to +85°C
0
–2.0
–1.8
–1.6
–1.4
–1.2
–1.0
–0.8
–0.6
–0.2
–0.4
–40 –30 –20 –10
0
102030405060708090
TEMPERATURE (°C)
VS = 5V
VCM = 0V
Figure 7. IB vs. Temperature
100
95
90
85
80
75
70
0
2000
1750
1500
1250
1000
750
500
250
LOAD RESISTANCE (Ω)
VS = 5V
T = 25°C
Figure 8. Open-Loop Gain vs. RL to 2.5 V
100
96
98
94
92
90
88
86
–40
80
60
40
20
0
–20
TEMPERATURE (°C)
VS = 5V
RL = 1kΩ
Figure 9. Open-Loop Gain vs. Temperature
100
80
90
70
60
50
40
05
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
OUTPUT VOLTAGE (V)
.0
VS = 5V
RL = 50Ω TO 2.5V
RL = 500Ω TO 2.5V
Figure 10. Open-Loop Gain vs. Output Voltage


Similar Part No. - AD8042

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8042 AD-AD8042 Datasheet
242Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
REV. C
AD8042 AD-AD8042 Datasheet
405Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. D
AD8042ACHIPS AD-AD8042ACHIPS Datasheet
242Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
REV. C
AD8042AN AD-AD8042AN Datasheet
242Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
REV. C
AD8042AR AD-AD8042AR Datasheet
242Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
REV. C
More results

Similar Description - AD8042

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8042 AD-AD8042_15 Datasheet
556Kb / 17P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_06 Datasheet
405Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. D
AD8042 AD-AD8042 Datasheet
242Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
REV. C
AD8041 AD-AD8041 Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_17 Datasheet
311Kb / 18P
   160 MHz Rail-to-Rail Amplifier with Disable
AD8041 AD-AD8041_15 Datasheet
505Kb / 17P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8646 AD-AD8646 Datasheet
475Kb / 12P
   24 MHz Rail-to-Rail Dual Amplifier
REV. 0
logo
List of Unclassifed Man...
5962L9683903VHA ETC-5962L9683903VHA Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ANZ ETC-AD8041ANZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ARZ ETC1-AD8041ARZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com