Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8001 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8001
Description  800 MHz, 50 mW Current Feedback Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8001 Datasheet(HTML) 4 Page - Analog Devices

  AD8001 Datasheet HTML 1Page - Analog Devices AD8001 Datasheet HTML 2Page - Analog Devices AD8001 Datasheet HTML 3Page - Analog Devices AD8001 Datasheet HTML 4Page - Analog Devices AD8001 Datasheet HTML 5Page - Analog Devices AD8001 Datasheet HTML 6Page - Analog Devices AD8001 Datasheet HTML 7Page - Analog Devices AD8001 Datasheet HTML 8Page - Analog Devices AD8001 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. D
AD8001
–4–
HP8133A
PULSE
GENERATOR
806
+VS
RL = 100
50
VIN
0.1 F
0.001 F
AD8001
0.1 F
0.001 F
TR/TF = 50ps
806
VOUT TO
TEKTRONIX
CSA 404 COMM.
SIGNAL
ANALYZER
–VS
TPC 1. Test Circuit , Gain = +2
TPC 2. 1 V Step Response, G = +2
0.5V
5ns
TPC 3. 2 V Step Response, G = +1
5ns
400mV
TPC 4. 2 V Step Response, G = +2
LeCROY 9210
PULSE
GENERATOR
909
+VS
RL = 100
–VS
50
VIN
0.1 F
0.001 F
AD8001
0.1 F
0.001 F
TR/TF = 350ps
VOUT TO
TEKTRONIX
CSA 404 COMM.
SIGNAL
ANALYZER
TPC 5. Test Circuit, Gain = +1
TPC 6. 100 mV Step Response, G = +1
–Typical Performance Characteristics


Similar Part No. - AD8001

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8001 AD-AD8001 Datasheet
222Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8001 AD-AD8001 Datasheet
490Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001 Datasheet
329Kb / 17P
   Current Feedback Amplifier
AD8001ACHIPS AD-AD8001ACHIPS Datasheet
222Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8001ACHIPS AD-AD8001ACHIPS Datasheet
490Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
More results

Similar Description - AD8001

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8001ANZ AD-AD8001ANZ Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001 Datasheet
222Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8001ARTZ-REEL7 AD-AD8001ARTZ-REEL7 Datasheet
388Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_15 Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001ARZ AD-AD8001ARZ Datasheet
490Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002_01 Datasheet
372Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002 Datasheet
351Kb / 18P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8002ARZ AD-AD8002ARZ Datasheet
373Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002_15 Datasheet
590Kb / 21P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002ARZ-R7 AD-AD8002ARZ-R7 Datasheet
373Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com