Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28400OCT Datasheet(PDF) 11 Page - SpectraLinear Inc

Part # CY28400OCT
Description  100 MHz Differential Buffer for PCI Express and SATA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28400OCT Datasheet(HTML) 11 Page - SpectraLinear Inc

Back Button CY28400OCT Datasheet HTML 4Page - SpectraLinear Inc CY28400OCT Datasheet HTML 5Page - SpectraLinear Inc CY28400OCT Datasheet HTML 6Page - SpectraLinear Inc CY28400OCT Datasheet HTML 7Page - SpectraLinear Inc CY28400OCT Datasheet HTML 8Page - SpectraLinear Inc CY28400OCT Datasheet HTML 9Page - SpectraLinear Inc CY28400OCT Datasheet HTML 10Page - SpectraLinear Inc CY28400OCT Datasheet HTML 11Page - SpectraLinear Inc CY28400OCT Datasheet HTML 12Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CY28400
Rev 1.0, November 21, 2006
Page 11 of 12
V
OVS
V
RB
V
LOW
V
UDS
V
RB
Figure 10. Single-ended Measurement Points for VOVS,VUDS and VRB
0.000V
T
PERIOD
High Duty Cycle %
Low Duty Cycle %
Skew Management Point
Figure 11. Differential (Clock-CLock#) Measurement Points (Tperiod, Duty Cycle and Jitter)
Ordering Information
Ordering Code
Package Type
Operating Range
CY28400OC
28-pin SSOP
Commercial, 0°C to 70 °C
CY28400OCT
28-pin SSOP (Tape & Reel)
Commercial, 0°C to 70 °C
Lead-free
CY28400OXC
28-pin SSOP
Commercial, 0°C to 70 °C
CY28400OXCT
28-pin SSOP (Tape & Reel)
Commercial, 0°C to 70 °C


Similar Part No. - CY28400OCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28400OCT CYPRESS-CY28400OCT Datasheet
245Kb / 14P
   100-MHz Differential Buffer for PCI Express and SATA
CY28400OCT CYPRESS-CY28400OCT Datasheet
220Kb / 13P
   100-MHz Differential Buffer for PCI Express and SATA
More results

Similar Description - CY28400OCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28400 CYPRESS-CY28400_05 Datasheet
220Kb / 13P
   100-MHz Differential Buffer for PCI Express and SATA
CY28400 CYPRESS-CY28400 Datasheet
245Kb / 14P
   100-MHz Differential Buffer for PCI Express and SATA
CY28401 CYPRESS-CY28401 Datasheet
235Kb / 14P
   100-MHz Differential Buffer for PCI Express and SATA
logo
SpectraLinear Inc
CY28400-2 SPECTRALINEAR-CY28400-2 Datasheet
237Kb / 15P
   100 MHz Differential Buffer for PCI Express and SATA
logo
Cypress Semiconductor
CY28401 CYPRESS-CY28401_05 Datasheet
233Kb / 14P
   100-MHz Differential Buffer for PCI Express and SATA
logo
Silicon Laboratories
SL28DB200 SILABS-SL28DB200 Datasheet
127Kb / 8P
   100 MHz Differential Buffer for PCI Express and SATA
logo
SpectraLinear Inc
CY28800 SPECTRALINEAR-CY28800 Datasheet
210Kb / 15P
   100-MHz Differential Buffer for PCI Express and SATA
CY28401 SPECTRALINEAR-CY28401 Datasheet
180Kb / 13P
   100 MHz Differential Buffer for PCI Express and SATA
logo
Cypress Semiconductor
CY28400-2 CYPRESS-CY28400-2 Datasheet
371Kb / 16P
   100-MHz Differential Buffer for PCI Express and SATA
CY28800 CYPRESS-CY28800 Datasheet
328Kb / 16P
   100-MHz Differential Buffer for PCI Express and SATA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com