Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SLQ-330 Datasheet(PDF) 2 Page - SYNERGY MICROWAVE CORPORATION

Part No. SLQ-330
Description  QUADRATURE HYBRID 3:1 BANDWIDTH 240 - 720 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Homepage  http://www.synergymwave.com
Logo 

SLQ-330 Datasheet(HTML) 2 Page - SYNERGY MICROWAVE CORPORATION

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3:1 BANDWIDTH
240 - 720 MHz
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail:sales@synergymwave.com•WorldWideWeb:http://www.synergymwave.com
Copyright © 2004 Synergy Microwave Corporation
QUADRATURE HYBRID
MODEL SLQ-330
PERFORMANCE PLOTS


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SLQ-K02QUADRATURE HYBRID OCTAVE BANDWIDTH 40 - 80 MHz 1 2 SYNERGY MICROWAVE CORPORATION
SMQ-C0990º HYBRID SURFACE MOUNT 3:1 BANDWIDTH 14 - 42 MHz 1 2 3 4 SYNERGY MICROWAVE CORPORATION
SLQ-KH1QUADRATURE HYBRID OCTAVE BANDWIDTH 30 - 60 MHz 1 2 SYNERGY MICROWAVE CORPORATION
SLQ-K07QUADRATURE HYBRID OCTAVE BANDWIDTH 225 - 400 MHz 1 2 SYNERGY MICROWAVE CORPORATION
SMQ-CA38QUADRATURE HYBRID OPTIMIZED BANDWIDTH 127.72 MHz 1 2 SYNERGY MICROWAVE CORPORATION
SLQ-K04QUADRATURE HYBRID OCTAVE BANDWIDTH 100 - 200 MHz 1 2 SYNERGY MICROWAVE CORPORATION
SMQ-C1290º HYBRID SURFACE MOUNT OPTIMIZED BANDWIDTH 127.72 MHz 1 2 3 4 SYNERGY MICROWAVE CORPORATION
JH-6-4Quadrature Hybrid 2 - 32 MHz 1 2 Tyco Electronics
SMQ-C0290º HYBRID 2:1 SURFACE MOUNT Bandwidth 40 - 80 MHz 1 2 3 4 SYNERGY MICROWAVE CORPORATION
JH-131_1Three-Port Quadrature Hybrid 20 - 200 MHz 1 2 Tyco Electronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn