Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SLQ-K02 Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part No. SLQ-K02
Description  QUADRATURE HYBRID OCTAVE BANDWIDTH 40 - 80 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Homepage  http://www.synergymwave.com
Logo 

SLQ-K02 Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail:sales@synergymwave.com•WorldWideWeb:http://www.synergymwave.com
Copyright © 2004 Synergy Microwave Corporation
OCTAVE BANDWIDTH
40 - 80 MHz
QUADRATURE HYBRID
MODEL SLQ-K02
MECHANICAL OUTLINE: 159
Operating Frequency:
40 - 80 MHz
Insertion Loss:
0.3 dB (Typ)/0.6 dB (Max)
Isolation:
25 dB (Typ)/20 dB (Min)
Amplitude Unbalance:
0.4 dB (Typ)/0.75 dB (Max)
Phase Unbalance:
1º (Typ)/ 3º (Max)
VSWR :
1.1:1 (Max)
Power Rating:
1 Watt (Max)
Impedance:
50 Ohms
Operating Temp. Range:
-20o to +70oC
SPECIFICATIONS
PIN-OUT
Input
6
+90º Output
1
0º Output
2
Isolated*
5
Ground**
3,4
* Terminate Isolated port in
50 Ohms
* Ground Externally


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SLQ-KH1QUADRATURE HYBRID OCTAVE BANDWIDTH 30 - 60 MHz 1 2 SYNERGY MICROWAVE CORPORATION
SLQ-K07QUADRATURE HYBRID OCTAVE BANDWIDTH 225 - 400 MHz 1 2 SYNERGY MICROWAVE CORPORATION
SLQ-K04QUADRATURE HYBRID OCTAVE BANDWIDTH 100 - 200 MHz 1 2 SYNERGY MICROWAVE CORPORATION
SMQ-CA38QUADRATURE HYBRID OPTIMIZED BANDWIDTH 127.72 MHz 1 2 SYNERGY MICROWAVE CORPORATION
JH-113Quadrature Hybrid 7 - 14 MHz 1 2 3 Tyco Electronics
JHS-142_1Surface Mount Quadrature Hybrid 200 - 400 MHz 1 2 Tyco Electronics
SLQ-K1090º HYBRID SURFACE MOUNT optimized bandwidth 500 - 1000 MHz 1 2 3 4 SYNERGY MICROWAVE CORPORATION
SQ-6790º HYBRID 10% BANDWIDTH 427.5 - 477.5 MHz 1 2 SYNERGY MICROWAVE CORPORATION
JH-114Quadrature Hybrid 20 - 40 MHz 1 2 Tyco Electronics
JH-115Surface Mount Quadrature Hybrid 40 - 80 MHz 1 2 Tyco Electronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn