Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2715SQ-ADJ Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2715SQ-ADJ
Description  TFT Panel Module
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2715SQ-ADJ Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2715SQ-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LM2715SQ-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LM2715SQ-ADJ Datasheet HTML 9Page - National Semiconductor (TI) LM2715SQ-ADJ Datasheet HTML 10Page - National Semiconductor (TI) LM2715SQ-ADJ Datasheet HTML 11Page - National Semiconductor (TI) LM2715SQ-ADJ Datasheet HTML 12Page - National Semiconductor (TI) LM2715SQ-ADJ Datasheet HTML 13Page - National Semiconductor (TI) LM2715SQ-ADJ Datasheet HTML 14Page - National Semiconductor (TI) LM2715SQ-ADJ Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Typical Performance Characteristics (Continued)
SWI Current vs. SWI Voltage
(PMOS OFF)
Load Transient Response
20058468
20058416
VOUT = 8V, VIN = 2.5V
1) Load, 80mA to 145mA to 80mA
2) IL, 500mA/div, DC
3) VOUT, 100mV/div, AC
T = 50µs/div
Load Transient Response
PMOS Switching Waveform
20058490
VOUT = 10V, VIN = 2.5V
1) Load, 100mA to 300mA to 100mA, DC
2) IL, 500mA/div, DC
3) VOUT, 200mV/div, AC
T = 50µs/div
20058458
VOUT = 8V, VIN = 2.5V, RLOAD =40Ω
CD = 100nF, RSW = 10k\1.5k, SWI = 30V, 10% duty cycle
1) SWC, 1V/div, DC
2) SWO, 10V/div, DC
T = 2.5µs/div
PMOS Rising Edge
PMOS Falling Edge
20058459
VOUT = 8V, VIN = 2.5V, RLOAD =40Ω
CD = 100nF, RSW = 10k\1.5k, SWI = 30V
1) SWC, 1V/div, DC
2) SWO, 10V/div, DC
T = 50ns/div
20058460
VOUT = 8V, VIN = 2.5V, RLOAD =40Ω
CD = 100nF, RSW = 10k\1.5k, SWI = 30V
1) SWC, 1V/div, DC
2) SWO, 10V/div, DC
T = 50ns/div
www.national.com
11


Similar Part No. - LM2715SQ-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2715 NSC-LM2715 Datasheet
752Kb / 20P
   TFT Panel Module
logo
HTC Korea TAEJIN Techno...
LM27150 HTC-LM27150 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM27150R-1.5 HTC-LM27150R-1.5 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM27150R-1.8 HTC-LM27150R-1.8 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM27150R-12 HTC-LM27150R-12 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
More results

Similar Description - LM2715SQ-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2702 NSC-LM2702 Datasheet
813Kb / 21P
   TFT Panel Module
LM2715 NSC-LM2715 Datasheet
752Kb / 20P
   TFT Panel Module
LM2711 NSC-LM2711 Datasheet
846Kb / 20P
   TFT Panel Module
logo
Analog Devices
ADP3041 AD-ADP3041 Datasheet
269Kb / 16P
   TFT LCD Panel Power Module
REV. D
ADP3041 AD-ADP3041_15 Datasheet
267Kb / 16P
   TFT LCD Panel Power Module
REV. D
logo
Crystalfontz America, I...
CFAF480128A0-039TC CRYSTAIFONTZ-CFAF480128A0-039TC Datasheet
1Mb / 13P
   TFT DISPLAY MODULE WITH CAPACITIVE TOUCH PANEL
CFAF480128A0-039TR CRYSTAIFONTZ-CFAF480128A0-039TR Datasheet
1Mb / 13P
   TFT DISPLAY MODULE WITH RESISTIVE TOUCH PANEL
CFAF800480E0-050SC CRYSTAIFONTZ-CFAF800480E0-050SC Datasheet
1Mb / 16P
   5??TFT DISPLAY MODULE WITH CAPACITIVE TOUCH PANEL
logo
Rohm
BD8154EFV ROHM-BD8154EFV Datasheet
357Kb / 6P
   Main power supply for TFT-LCD panel module
logo
Sharp Corporation
LQ080V3DG01 SHARP-LQ080V3DG01 Datasheet
468Kb / 23P
   TFT MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com