Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCP-2B2 Datasheet(PDF) 2 Page - SYNERGY MICROWAVE CORPORATION

Part # DCP-2B2
Description  POWER DIVIDERS 0쨘 : 3-WAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

DCP-2B2 Datasheet(HTML) 2 Page - SYNERGY MICROWAVE CORPORATION

  DCP-2B2 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION DCP-2B2 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
[ 112 ]
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
POWER DIVIDERS
0º : 3-WAY
POWER DIVIDERS
0º : 3-WAY
COAXIAL CONNECTOR
1-200
45/30
48/35
37/30
0.25/0.5 .35/0.6 .35/0.6
1.0
3.0
5.0
0.1
0.2
0.2
113
3
DCK-7K2*
1-500
30/20
30/20
25/18
0.4/0.75 0.5/0.9 0.8/1.2
2.0
3.0
4.0
0.2
0.3
0.4
113
3
DCK-7J2*
2-750
30/20
30/20
25/18
0.4/0.75 0.5/1.0 1.0/1.6
3.0
5.0
7.0
0.2
0.3
0.5
113
3
DCK-7D3*
10-1000
25/20
20/17
20/17
0.5/0.75 0.7/1.0 1.2/2.0
3.0
5.0
7.0
0.3
0.4
0.7
113
3
DCK-703S
THROUGH HOLE MOUNT (8 Pin-Relay Can)
MODEL
PHASE UNBALANCE
(Degrees)
LB
MB
UB
MAX
MAX
MAX
INSERTION LOSS (dB)
LB
MB
UB
TYP/MAX
TYP/MAX
TYP/MAX
FREQUENCY
RANGE
(MHz)
ISOLATION (dB)
LB
MB
UB
TYP/MIN
TYP/MIN
TYP/MIN
PIN-OUT
(See
Below)
AMPLITUDE UNBALANCE
(dB)
LB
MB
UB
MAX
MAX
MAX
PACKAGE
MODEL
PHASE UNBALANCE
(Degrees)
LB
MB
UB
MAX
MAX
MAX
INSERTION LOSS (dB)
LB
MB
UB
TYP/MAX
TYP/MAX
TYP/MAX
FREQUENCY
RANGE
(MHz)
ISOLATION (dB)
LB
MB
UB
TYP/MIN
TYP/MIN
TYP/MIN
PIN-OUT
(See
Below)
AMPLITUDE UNBALANCE
(dB)
LB
MB
UB
MAX
MAX
MAX
PACKAGE
LB = LF to 10 LF
MB = 10 LF to HF/2
UB = HF/2 to HF
PIN-OUT TABLE
#1
6
1,2,5
3,4,7,8
#2
1
5,7,8
2,3,4,6
#3
1
2,3,4
-
INPUT
OUTPUT
CASE GROUND
* Select female connector suffix: "B" = BNC, "S" = SMA, "N" = Type N, "T" = TNC
Power Rating (All Models) = 1 Watt, max
75 Ohm Model
For pin location and package outline drawings, see back pages.
0.01-30
35/30
40/25
30/25
.25/.45 .15/.45 .45/.75
1.0
2.0
4.0
0.2
0.3
0.4
102
1
DCP-2A1
1-200
45/27
40/30
40/25
0.6/1.0 0.4/0.7 0.6/1.0
1.0
2.0
4.0
0.2
0.2
0.4
102
1
DCP-2B2
1-200
35/23
35/25
35/25
0.6/1.0 0.3/0.7 0.6/1.0
2.0
3.0
4.0
0.2
0.2
0.3
102
1
DCP-2C2
5-500
25/20
31/15
25/15
0.4/0.8 0.4/1.4 0.8/1.4
6.0
8.0
10
0.2
0.3
0.6
102
2
DCP-2B3
10-1000
25/20
23/18
23/18
0.6/1.0 0.8/1.3 1.2/2.0
6.0
8.0
12
0.2
0.4
0.8
102
2
DCP-2B4


Similar Part No. - DCP-2B2

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DCP-01-X ADAM-TECH-DCP-01-X Datasheet
99Kb / 1P
   D-SUB PLUG CONTACT
DCP-01-X-30 ADAM-TECH-DCP-01-X-30 Datasheet
100Kb / 1P
   D-SUB PLUG CONTACT
DCP-A9906-2 ADAM-TECH-DCP-A9906-2 Datasheet
78Kb / 1P
   D-SUB PLUG CONTACT
logo
List of Unclassifed Man...
DCP-USBAB-F ETC2-DCP-USBAB-F Datasheet
3Mb / 2P
   PC Header, Solder Cup, and Feedthru options available
DCP-USBAB-HD ETC2-DCP-USBAB-HD Datasheet
3Mb / 2P
   PC Header, Solder Cup, and Feedthru options available
More results

Similar Description - DCP-2B2

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DSS-9C1 SYNERGY-DSS-9C1 Datasheet
35Kb / 1P
   POWER DIVIDERS 0쨘 : 8-WAY
DFS-9B1 SYNERGY-DFS-9B1 Datasheet
46Kb / 1P
   POWER DIVIDERS 0쨘 : 6-WAY
SDL-140 SYNERGY-SDL-140 Datasheet
70Kb / 2P
   POWER DIVIDERS 0쨘 : 4-WAY
SPD-C2 SYNERGY-SPD-C2 Datasheet
128Kb / 5P
   POWER DIVIDERS 0쨘 : 2-WAY
DES-901 SYNERGY-DES-901 Datasheet
31Kb / 1P
   POWER DIVIDERS 0쨘 : 5-WAY
DLP-901 SYNERGY-DLP-901 Datasheet
39Kb / 1P
   POWER DIVIDERS 0쨘 : 12-WAY
DXP-9A2 SYNERGY-DXP-9A2 Datasheet
29Kb / 1P
   POWER DIVIDERS 0쨘 : 10-WAY
logo
Merrimac Industries, In...
PDD-3Z-2.45G MERRIMAC-PDD-3Z-2.45G Datasheet
136Kb / 5P
   3-WAY POWER DIVIDERS
PDD-3Z-1.9G MERRIMAC-PDD-3Z-1.9G Datasheet
142Kb / 5P
   3-WAY POWER DIVIDERS
logo
M/A-COM Technology Solu...
MAPDCT0029 MA-COM-MAPDCT0029 Datasheet
223Kb / 3P
   2 Way 0쨘 Power Divider
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com