Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP-502 Datasheet(PDF) 5 Page - SYNERGY MICROWAVE CORPORATION

Part # DSP-502
Description  POWER DIVIDERS 0쨘 : 2-WAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

DSP-502 Datasheet(HTML) 5 Page - SYNERGY MICROWAVE CORPORATION

  DSP-502 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION DSP-502 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION DSP-502 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION DSP-502 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION DSP-502 Datasheet HTML 5Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
[ 110 ]
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
POWER DIVIDERS
0º : 2-WAY
POWER DIVIDERS
0º : 2-WAY
122
THROUGH HOLE (TO-8 and TO-5)
0.01-100
30/20
27/20
25/20
0.3/0.6 0.3/0.5 0.5/1.0
2.0
2.0
2.0
0.2
0.2
0.2
122
3
DSP-601
1-100
37/30
35/30
35/30
0.2/0.5 0.3/0.5 0.4/0.5
1.0
1.0
1.0
0.1
0.1
0.1
127
2
DSP-8D1
1-500
25/20
30/23
30/20
0.4/0.6 0.4/0.7 0.5/1.0
2.0
2.0
3.0
0.2
0.2
0.2
122
3
DSP-602
1-500
25/20
30/23
30/20
0.4/0.6 0.4/0.7 0.5/1.0
2.0
2.0
2.0
0.2
0.2
0.2
104
1
DSP-502
1-500
25/20
30/23
30/20
0.4/0.6 0.4/0.7 0.5/1.0
2.0
2.0
2.0
0.2
0.2
0.2
126
3
DSP-802
10-1000
25/20
30/20
25/20
0.2/0.5 0.5/0.8 0.6/1.0
3.0
2.0
4.0
0.2
0.2
0.3
122
3
DSP-609
MODEL
PHASE UNBALANCE
(Degrees)
LB
MB
UB
MAX
MAX
MAX
INSERTION LOSS (dB)
LB
MB
UB
TYP/MAX
TYP/MAX
TYP/MAX
FREQUENCY
RANGE
(MHz)
ISOLATION (dB)
LB
MB
UB
TYP/MIN
TYP/MIN
TYP/MIN
PIN-OUT
(See
Below)
AMPLITUDE UNBALANCE
(dB)
LB
MB
UB
MAX
MAX
MAX
PACKAGE
126
127
104
Power Rating (All Models) = 1 Watt, max
For pin location and package outline drawings, see back pages.
LB = LF to 10 LF
MB = 10 LF to HF/2
UB = HF/2 to HF
INPUT
OUTPUT
CASE GROUND
#1
8
11,5
All Other
#2
3
2,4
1,5
#3
3
2,4
1
PIN-OUT TABLE


Similar Part No. - DSP-502

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
DSP-501N MITSUBISHI-DSP-501N Datasheet
259Kb / 11P
   DIA SURGE SUPPRESSOR (DSS)
logo
SYNERGY MICROWAVE CORPO...
DSP-504 SYNERGY-DSP-504 Datasheet
70Kb / 2P
   POWER DIVIDERS 0쨘 : 4-WAY
DSP-506 SYNERGY-DSP-506 Datasheet
70Kb / 2P
   POWER DIVIDERS 0쨘 : 4-WAY
DSP-507 SYNERGY-DSP-507 Datasheet
70Kb / 2P
   POWER DIVIDERS 0쨘 : 4-WAY
More results

Similar Description - DSP-502

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DSS-9C1 SYNERGY-DSS-9C1 Datasheet
35Kb / 1P
   POWER DIVIDERS 0쨘 : 8-WAY
DFS-9B1 SYNERGY-DFS-9B1 Datasheet
46Kb / 1P
   POWER DIVIDERS 0쨘 : 6-WAY
SDL-140 SYNERGY-SDL-140 Datasheet
70Kb / 2P
   POWER DIVIDERS 0쨘 : 4-WAY
SDL-135 SYNERGY-SDL-135 Datasheet
47Kb / 2P
   POWER DIVIDERS 0쨘 : 3-WAY
DES-901 SYNERGY-DES-901 Datasheet
31Kb / 1P
   POWER DIVIDERS 0쨘 : 5-WAY
DLP-901 SYNERGY-DLP-901 Datasheet
39Kb / 1P
   POWER DIVIDERS 0쨘 : 12-WAY
DXP-9A2 SYNERGY-DXP-9A2 Datasheet
29Kb / 1P
   POWER DIVIDERS 0쨘 : 10-WAY
logo
M/A-COM Technology Solu...
MAPDCT0029 MA-COM-MAPDCT0029 Datasheet
223Kb / 3P
   2 Way 0쨘 Power Divider
MAPD-010038-C209C0 MA-COM-MAPD-010038-C209C0 Datasheet
190Kb / 4P
   2 Way 0쨘 Power Divider
MAPD-010281-C2W024 MA-COM-MAPD-010281-C2W024_15 Datasheet
155Kb / 4P
   2 Way 0쨘 Power Divider
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com