Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CF363B Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90CF363B
Description  3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link - 65MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CF363B Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS90CF363B Datasheet HTML 1Page - National Semiconductor (TI) DS90CF363B Datasheet HTML 2Page - National Semiconductor (TI) DS90CF363B Datasheet HTML 3Page - National Semiconductor (TI) DS90CF363B Datasheet HTML 4Page - National Semiconductor (TI) DS90CF363B Datasheet HTML 5Page - National Semiconductor (TI) DS90CF363B Datasheet HTML 6Page - National Semiconductor (TI) DS90CF363B Datasheet HTML 7Page - National Semiconductor (TI) DS90CF363B Datasheet HTML 8Page - National Semiconductor (TI) DS90CF363B Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Transmitter Switching Characteristics (Continued)
Over recommended operating supply and temperature ranges unless otherwise specified
Symbol
Parameter
Min
Typ
Max
Units
TPPos0
Transmitter Output Pulse Position for Bit 0 (Figure 11 ) (Note 5)
f =
25MHz
−0.45
0
+0.45
ns
TPPos1
Transmitter Output Pulse Position for Bit 1
5.26
5.71
6.16
ns
TPPos2
Transmitter Output Pulse Position for Bit 2
10.98
11.43
11.88
ns
TPPos3
Transmitter Output Pulse Position for Bit 3
16.69
17.14
17.59
ns
TPPos4
Transmitter Output Pulse Position for Bit 4
22.41
22.86
23.31
ns
TPPos5
Transmitter Output Pulse Position for Bit 5
28.12
28.57
29.02
ns
TPPos6
Transmitter Output Pulse Position for Bit 6
33.84
34.29
34.74
ns
TSTC
TxIN Setup to TxCLK IN (Figure 6 )
2.5
ns
THTC
TxIN Hold to TxCLK IN (Figure 6 )
0.5
ns
TCCD
TxCLK IN to TxCLK OUT Delay (Figure 7 ) 50% duty cycle input
clock is assumed, T
A= −10˚C, and 65MHz for " Min ", T A = 70˚C,
and 25MHz for " Max ", V
CC = 3.6V
3.011
6.082
ns
SSCG
Spread Spectrum Clock support; Modulation frequency with a linear
profile (Note 6)
f=25
MHz
100KHz
±
2.5%/−5%
f=40
MHz
100KHz
±
2.5%/−5%
f=65
MHz
100KHz
±
2.5%/−5%
TPLLS
Transmitter Phase Lock Loop Set (Figure 8 )
10
ms
TPDD
Transmitter Power Down Delay (Figure 10 )
100
ns
Note 5: The Minimum and Maximum Limits are based on statistical analysis of the device performance over process, voltage, and temperature ranges. This
parameter is functionality tested only on Automatic Test Equipment (ATE).
Note 6: Care must be taken to ensure TSTC and THTC are met so input data are sampling correctly. This SSCG parameter only shows the performance of tracking
Spread Spectrum Clock applied to TxCLK IN pin, and reflects the result on TxCLKOUT+ and TxCLK− pins.
AC Timing Diagrams
20098704
FIGURE 1. “Worst Case” Test Pattern
www.national.com
4


Similar Part No. - DS90CF363B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CF363B NSC-DS90CF363B Datasheet
612Kb / 11P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
logo
Texas Instruments
DS90CF363B TI1-DS90CF363B Datasheet
900Kb / 15P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
DS90CF363B TI1-DS90CF363B Datasheet
922Kb / 15P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
logo
National Semiconductor ...
DS90CF363BMT NSC-DS90CF363BMT Datasheet
612Kb / 11P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
logo
Texas Instruments
DS90CF363BMT TI1-DS90CF363BMT Datasheet
900Kb / 15P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
More results

Similar Description - DS90CF363B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CF364A NSC-DS90CF364A_07 Datasheet
439Kb / 18P
   3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-65MHz
DS90C363A NSC-DS90C363A Datasheet
219Kb / 10P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C385 NSC-DS90C385 Datasheet
333Kb / 17P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-85 MHz, 3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) L
logo
Texas Instruments
DS90C363 TI1-DS90C363_13 Datasheet
1Mb / 19P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link??5 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link??5 MHz
logo
National Semiconductor ...
DS90CF363B NSC-DS90CF363B Datasheet
612Kb / 11P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
logo
Texas Instruments
DS90CF363BMTX TI1-DS90CF363BMTX Datasheet
900Kb / 15P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
logo
National Semiconductor ...
DS90C363 NSC-DS90C363 Datasheet
285Kb / 16P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link??5 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link??5 MHz
DS90C363B NSC-DS90C363B Datasheet
617Kb / 12P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
logo
Texas Instruments
DS90C363B TI1-DS90C363B Datasheet
924Kb / 17P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
DS90CF363B TI1-DS90CF363B_13 Datasheet
922Kb / 15P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com