Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90C387A Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90C387A
Description  Dual Pixel LVDS Display Interface/FPD-Link
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C387A Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS90C387A Datasheet HTML 1Page - National Semiconductor (TI) DS90C387A Datasheet HTML 2Page - National Semiconductor (TI) DS90C387A Datasheet HTML 3Page - National Semiconductor (TI) DS90C387A Datasheet HTML 4Page - National Semiconductor (TI) DS90C387A Datasheet HTML 5Page - National Semiconductor (TI) DS90C387A Datasheet HTML 6Page - National Semiconductor (TI) DS90C387A Datasheet HTML 7Page - National Semiconductor (TI) DS90C387A Datasheet HTML 8Page - National Semiconductor (TI) DS90C387A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Recommended Transmitter Input Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Units
TCIT
TxCLK IN Transition Time (Figure 5)
DUAL=Gnd or Vcc
1.0
2.0
3.0
ns
DUAL=1/2Vcc
1.0
1.5
1.7
ns
TCIP
TxCLK IN Period (Figure 6)
DUAL=Gnd or Vcc
8.928
T
30.77
ns
DUAL=1/2Vcc
5.88
15.38
ns
TCIH
TxCLK in High Time (Figure 6)
0.35T
0.5T
0.65T
ns
TCIL
TxCLK in Low Time (Figure 6)
0.35T
0.5T
0.65T
ns
TXIT
TxIN Transition Time
1.5
6.0
ns
Transmitter Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Units
LLHT
LVDS Low-to-High Transition Time (Figure 3), PRE = 0.75V
(disabled)
0.14
0.7
ns
LVDS Low-to-High Transition Time (Figure 3), PRE = Vcc (max)
0.11
0.6
ns
LHLT
LVDS High-to-Low Transition Time (Figure 3), PRE = 0.75V
(disabled)
0.16
0.8
ns
LVDS High-to-Low Transition Time (Figure 3), PRE = Vcc (max)
0.11
0.7
ns
TBIT
Transmitter Output Bit Width
DUAL=Gnd or Vcc
1/7 TCIP
ns
DUAL=1/2Vcc
2/7 TCIP
ns
TPPOS
Transmitter Pulse Positions - Normalized
f = 33 to 70 MHz
−250
0
+250
ps
f = 70 to 112 MHz
−200
0
+200
ps
TCCS
TxOUT Channel to Channel Skew
100
ps
TSTC
TxIN Setup to TxCLK IN (Figure 6)
2.7
ns
THTC
TxIN Hold to TxCLK IN (Figure 6)0
ns
TJCC
Transmitter Jitter Cycle-to-cycle (Figures
13, 14) (Note 5), DUAL=Vcc
f = 112 MHz
85
100
ps
f = 85 MHz
60
75
ps
f = 65 MHz
70
80
ps
f = 56 MHz
100
120
ps
f = 32.5 MHz
75
110
ps
TPLLS
Transmitter Phase Lock Loop Set (Figure 8)10
ms
TPDD
Transmitter Powerdown Delay (Figure 10)
100
ns
www.national.com
5


Similar Part No. - DS90C387A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C387A NSC-DS90C387A Datasheet
416Kb / 19P
   Dual Pixel LVDS Display Interface / FPD-Link
logo
Texas Instruments
DS90C387A TI1-DS90C387A Datasheet
842Kb / 21P
[Old version datasheet]   Dual Pixel LVDS Display Interface / FPD-Link
logo
National Semiconductor ...
DS90C387AVJD NSC-DS90C387AVJD Datasheet
416Kb / 19P
   Dual Pixel LVDS Display Interface / FPD-Link
logo
Texas Instruments
DS90C387AVJD/NOPB TI1-DS90C387AVJD/NOPB Datasheet
842Kb / 21P
[Old version datasheet]   Dual Pixel LVDS Display Interface / FPD-Link
DS90C387A TI1-DS90C387A_11 Datasheet
842Kb / 21P
[Old version datasheet]   Dual Pixel LVDS Display Interface / FPD-Link
More results

Similar Description - DS90C387A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C387A NSC-DS90C387A Datasheet
416Kb / 19P
   Dual Pixel LVDS Display Interface / FPD-Link
logo
Texas Instruments
DS90C387A TI1-DS90C387A_11 Datasheet
842Kb / 21P
[Old version datasheet]   Dual Pixel LVDS Display Interface / FPD-Link
DS90C187 TI1-DS90C187_14 Datasheet
945Kb / 28P
[Old version datasheet]   Low Power 1.8V Dual Pixel FPD-Link (LVDS) Serializer
DS90C187 TI-DS90C187 Datasheet
1Mb / 21P
[Old version datasheet]   Low Power 1.8V Dual Pixel FPD-Link (LVDS) Serializer
logo
List of Unclassifed Man...
CS5826 ETC1-CS5826 Datasheet
80Kb / 1P
   Dual Pixel LVDS Display Interface (LDI) Transmitter
logo
National Semiconductor ...
DS90C387 NSC-DS90C387 Datasheet
526Kb / 26P
   Dual Pixel LVDS Display Interface (LDI)-SVGA/QXGA
logo
Texas Instruments
DS90C387 TI1-DS90C387_15 Datasheet
1Mb / 33P
[Old version datasheet]   Dual Pixel LVDS Display Interface (LDI)-SVGA/QXGA
logo
National Semiconductor ...
DS90C387 NSC-DS90C387_06 Datasheet
910Kb / 26P
   Dual Pixel LVDS Display Interface (LDI)=SVGA/QXGA
logo
Texas Instruments
LM2512A TI1-LM2512A_15 Datasheet
1Mb / 28P
[Old version datasheet]   Mobile Pixel Link RGB Display Interface Serializer
logo
National Semiconductor ...
DS90CF561 NSC-DS90CF561 Datasheet
244Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com