Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90C385A Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90C385A
Description  3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display Link-87.5 MHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C385A Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS90C385A_06 Datasheet HTML 1Page - National Semiconductor (TI) DS90C385A_06 Datasheet HTML 2Page - National Semiconductor (TI) DS90C385A_06 Datasheet HTML 3Page - National Semiconductor (TI) DS90C385A_06 Datasheet HTML 4Page - National Semiconductor (TI) DS90C385A_06 Datasheet HTML 5Page - National Semiconductor (TI) DS90C385A_06 Datasheet HTML 6Page - National Semiconductor (TI) DS90C385A_06 Datasheet HTML 7Page - National Semiconductor (TI) DS90C385A_06 Datasheet HTML 8Page - National Semiconductor (TI) DS90C385A_06 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DS90C385A
+3.3V Programmable LVDS Transmitter 24-Bit Flat Panel
Display Link-87.5 MHz
General Description
The DS90C385A is a pin to pin compatible replacement for
DS90C383, DS90C383A and DS90C385. The DS90C385A
has additional features and improvements making it an ideal
replacement for DS90C383, DS90C383A and DS90C385.
family of LVDS Transmitters.
The DS90C385A transmitter converts 28 bits of LVCMOS/
LVTTL data into four LVDS (Low Voltage Differential Signal-
ing) data streams. A phase-locked transmit clock is transmit-
ted in parallel with the data streams over the fifth LVDS link.
Every cycle of the transmit clock 28 bits of input data are
sampled and transmitted. At a transmit clock frequency of
87.5 MHz, 24 bits of RGB data and 3 bits of LCD timing and
control data (FPLINE, FPFRAME, DRDY) are transmitted at
a rate of 612.5Mbps per LVDS data channel. Using a 87.5
MHz clock, the data throughput is 306.25Mbytes/sec. This
transmitter can be programmed for Rising edge strobe or
Falling edge strobe through a dedicated pin. A Rising edge
or Falling edge strobe transmitter will interoperate with a
Falling edge strobe FPDLink Receiver without any transla-
tion logic.
This chipset is an ideal means to solve EMI and cable size
problems associated with wide, high-speed TTL interfaces
with added Spread Spectrum Clocking support.
Features
n
Pin-to-pin compatible to DS90C383, DS90C383A and
DS90C385 .
n
No special start-up sequence required between
clock/data and /PD pins. Input signals (clock and data)
can be applied either before or after the device is
powered.
n
Support Spread Spectrum Clocking up to 100kHz
frequency modulation & deviations of ±2.5% center
spread or -5% down spread.
n
“Input Clock Detection” feature will pull all LVDS pairs to
logic low when input clock is missing and when /PD pin
is logic high.
n
18 to 87.5 MHz shift clock support
n
Tx power consumption < 147 mW (typ) @ 87.5 MHz
Grayscale
n
Tx Power-down mode < 60 µW (typ)
n
Supports VGA, SVGA, XGA, SXGA(dual pixel),
SXGA+(dual pixel), UXGA(dual pixel).
n
Narrow bus reduces cable size and cost
n
Up to 2.45 Gbps throughput
n
Up to 306.25Megabytes/sec bandwidth
n
345 mV (typ) swing LVDS devices for low EMI
n
PLL requires no external components
n
Compliant to TIA/EIA-644 LVDS standard
n
Low profile 56-lead TSSOP package
Block Diagram
DS90C385A
20070201
Order Number DS90C385AMT
See NS Package Number MTD56
April 2006
© 2006 National Semiconductor Corporation
DS200702
www.national.com


Similar Part No. - DS90C385A_06

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C385AMT NSC-DS90C385AMT Datasheet
648Kb / 13P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display Link-87.5 MHz
logo
Texas Instruments
DS90C385AMT TI-DS90C385AMT Datasheet
981Kb / 17P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display Link-87.5 MHz
DS90C385AMT/NOPB TI1-DS90C385AMT/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display Link-87.5 MHz
DS90C385AMTX TI-DS90C385AMTX Datasheet
981Kb / 17P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display Link-87.5 MHz
DS90C385AMTX TI1-DS90C385AMTX Datasheet
1Mb / 20P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display Link-87.5 MHz
More results

Similar Description - DS90C385A_06

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C385A NSC-DS90C385A Datasheet
648Kb / 13P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display Link-87.5 MHz
logo
Texas Instruments
DS90C385A TI1-DS90C385A_15 Datasheet
1Mb / 20P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display Link-87.5 MHz
DS90C385AMTX TI-DS90C385AMTX Datasheet
981Kb / 17P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display Link-87.5 MHz
logo
National Semiconductor ...
DS90C365A NSC-DS90C365A_05 Datasheet
620Kb / 12P
   3.3V programmable LVDS Transmitter 18-Bit Flat Panel Display Link-87.5 MHz
logo
Texas Instruments
DS90C365A TI1-DS90C365A_13 Datasheet
919Kb / 17P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display Link-87.5 MHz
DS90C365AMTX TI-DS90C365AMTX Datasheet
918Kb / 16P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display Link-87.5 MHz
logo
National Semiconductor ...
DS90C383A NSC-DS90C383A_03 Datasheet
304Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383A NSC-DS90C383A Datasheet
258Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383 NSC-DS90C383 Datasheet
344Kb / 20P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90C383 TI1-DS90C383_11 Datasheet
410Kb / 22P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com