Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD604ARS-REEL Datasheet(PDF) 4 Page - Analog Devices

Part # AD604ARS-REEL
Description  Dual, Ultralow Noise Variable Gain Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD604ARS-REEL Datasheet(HTML) 4 Page - Analog Devices

  AD604ARS-REEL Datasheet HTML 1Page - Analog Devices AD604ARS-REEL Datasheet HTML 2Page - Analog Devices AD604ARS-REEL Datasheet HTML 3Page - Analog Devices AD604ARS-REEL Datasheet HTML 4Page - Analog Devices AD604ARS-REEL Datasheet HTML 5Page - Analog Devices AD604ARS-REEL Datasheet HTML 6Page - Analog Devices AD604ARS-REEL Datasheet HTML 7Page - Analog Devices AD604ARS-REEL Datasheet HTML 8Page - Analog Devices AD604ARS-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD604
Rev. D | Page 4 of 32
Parameter
Conditions
Min
Typ
Max
Unit
ACCURACY
Absolute Gain Error
0 dB to 3 dB
0.25 V < VGN < 0.400 V
−1.2
+0.75
+3
dB
3 dB to 43 dB
0.400 V < VGN < 2.400 V
−1.0
±0.3
+1.0
dB
43 dB to 48 dB
2.400 V < VGN < 2.65 V
−3.5
−1.25
+1.2
dB
Gain Scaling Error
0.400 V < VGN < 2.400 V
±0.25
dB/V
Output Offset Voltage
VREF = 2.500 V, VOCM = 2.500 V
−50
±30
+50
mV
Output Offset Variation
VREF = 2.500 V, VOCM = 2.500 V
30
50
mV
GAIN CONTROL INTERFACE
Gain Scaling Factor
VREF = 2.5 V, 0.4 V < VGN < 2.4 V
19
20
21
dB/V
VREF = 1.67 V
30
dB/V
Gain Range
Preamplifier gain = 14 dB
0 to 48
dB
Preamplifier gain = 20 dB
6 to 54
dB
Input Voltage (VGN) Range
20 dB/V, VREF = 2.5 V
0.1 to 2.9
V
Input Bias Current
−0.4
μA
Input Resistance
2
Response Time
48 dB gain change
0.2
μs
VREF Input Resistance
10
POWER SUPPLY
Specified Operating Range
One complete channel
±5
V
One DSX only
5
V
Power Dissipation
One complete channel
220
mW
One DSX only
95
mW
Quiescent Supply Current
VPOS, one complete channel
32
36
mA
VPOS, one DSX only
19
23
mA
VNEG, one preamplifier only
−15
−12
mA
Powered Down
VPOS, VGN < 50 mV, one channel
1.9
3.0
mA
VNEG, VGN < 50 mV, one channel
−150
μA
Power-Up Response Time
48 dB gain change, VOUT = 2 V p-p
0.6
μs
Power-Down Response Time
0.4
μs


Similar Part No. - AD604ARS-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD604ARS AD-AD604ARS Datasheet
497Kb / 20P
   Dual, Ultralow Noise Variable Gain Amplifier
REV. 0
More results

Similar Description - AD604ARS-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD604 AD-AD604 Datasheet
497Kb / 20P
   Dual, Ultralow Noise Variable Gain Amplifier
REV. 0
AD604 AD-AD604_15 Datasheet
930Kb / 33P
   Dual, Ultralow Noise Variable Gain Amplifier
Rev. G
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
   Variable Gain Low Noise Amplifier
logo
Analog Devices
AD605 AD-AD605_06 Datasheet
376Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. D
logo
TEXAS ADVANCED OPTOELEC...
VCA2616 TAOS-VCA2616 Datasheet
1Mb / 23P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
logo
Texas Instruments
VCA2613 TI1-VCA2613 Datasheet
775Kb / 20P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
logo
Analog Devices
AD605 AD-AD605 Datasheet
263Kb / 12P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com