Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD603AQ Datasheet(PDF) 6 Page - Analog Devices

Part # AD603AQ
Description  Low Noise, 90 MHz Variable Gain Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD603AQ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD603AQ Datasheet HTML 2Page - Analog Devices AD603AQ Datasheet HTML 3Page - Analog Devices AD603AQ Datasheet HTML 4Page - Analog Devices AD603AQ Datasheet HTML 5Page - Analog Devices AD603AQ Datasheet HTML 6Page - Analog Devices AD603AQ Datasheet HTML 7Page - Analog Devices AD603AQ Datasheet HTML 8Page - Analog Devices AD603AQ Datasheet HTML 9Page - Analog Devices AD603AQ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD603
Rev. H | Page 6 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
@ TA = 25°C, VS = ±5 V, –500 mV ≤ VG ≤ +500 mV, GNEG = 0 V, –10 dB to +30 dB gain range, RL = 500 Ω, and CL = 5 pF, unless
otherwise noted.
VG (V)
0.6
–0.6
–0.4
–0.2
0
0.2
0.4
40
30
20
10
0
–10
10.7MHz
100kHz
Figure 4. Gain vs. VG at 100 kHz and 10.7 MHz
GAIN VOLTAGE (V)
0.5
–0.5 –0.4 –0.3 –0.2 –0.1
0
0.1
0.2
0.3
0.4
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
45MHz
70MHz
10.7MHz
455kHz
70MHz
Figure 5. Gain Error vs. Gain Control Voltage at 455 kHz,
10.7 MHz, 45 MHz, 70 MHz
–225
225
45
90
135
180
0
–45
–90
–135
–180
FREQUENCY (Hz)
100k
1M
10M
100M
4
2
3
0
1
–2
–1
–4
–5
–3
–6
GAIN
PHASE
Figure 6. Frequency and Phase Response vs. Gain
(Gain = −10 dB, PIN = −30 dBm)
–225
225
180
135
90
45
0
–45
–90
–180
–135
FREQUENCY (Hz)
100k
1M
10M
100M
4
2
1
3
0
–1
–2
–3
–4
–5
–6
GAIN
PHASE
Figure 7. Frequency and Phase Response vs. Gain
(Gain = 10 dB, PIN = −30 dBm)
–225
225
45
90
135
180
0
–45
–90
–135
–180
FREQUENCY (Hz)
100k
1M
10M
100M
4
2
3
0
1
–2
–1
–4
–3
–6
–5
GAIN
PHASE
Figure 8. Frequency and Phase Response vs. Gain
(Gain = 30 dB, PIN = −30 dBm)
GAIN CONTROL VOLTAGE (V)
0.6
–0.6
–0.4
–0.2
0
0.2
0.4
7.6
7.4
7.2
7.0
6.8
6.6
6.4
Figure 9. Group Delay vs. Gain Control Voltage


Similar Part No. - AD603AQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD603AQ AD-AD603AQ Datasheet
219Kb / 14P
   Low Noise, 90 MHz Variable-Gain Amplifier
REV. C
AD603AQ AD-AD603AQ Datasheet
605Kb / 20P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. G
AD603AQ AD-AD603AQ Datasheet
815Kb / 25P
   Low Noise, 90 MHz Variable Gain Amplifier
More results

Similar Description - AD603AQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD603 AD-AD603 Datasheet
219Kb / 14P
   Low Noise, 90 MHz Variable-Gain Amplifier
REV. C
AD603 AD-AD603_05 Datasheet
605Kb / 20P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. G
AD603 AD-AD603_15 Datasheet
994Kb / 25P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. K
AD603 AD-AD603_17 Datasheet
815Kb / 25P
   Low Noise, 90 MHz Variable Gain Amplifier
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
   Variable Gain Low Noise Amplifier
logo
United Monolithic Semic...
CHA2292 UMS-CHA2292_07 Datasheet
221Kb / 7P
   16-24GHz Low Noise, Variable Gain Amplifier
CHA2294 UMS-CHA2294_07 Datasheet
181Kb / 6P
   35-40GHz Low Noise, Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com