Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD825AR Datasheet(PDF) 5 Page - Analog Devices

Part # AD825AR
Description  Low Cost, General-Purpose High Speed JFET Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD825AR Datasheet(HTML) 5 Page - Analog Devices

  AD825AR Datasheet HTML 1Page - Analog Devices AD825AR Datasheet HTML 2Page - Analog Devices AD825AR Datasheet HTML 3Page - Analog Devices AD825AR Datasheet HTML 4Page - Analog Devices AD825AR Datasheet HTML 5Page - Analog Devices AD825AR Datasheet HTML 6Page - Analog Devices AD825AR Datasheet HTML 7Page - Analog Devices AD825AR Datasheet HTML 8Page - Analog Devices AD825AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD825
Rev. F | Page 5 of 12
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
±18 V
Internal Power Dissipation1
Small Outline (R)
See Figure 6
Input Voltage (Common Mode)
±VS
Differential Input Voltage
±VS
Output Short-Circuit Duration
See Figure 6
Storage Temperature Range (R, R-16)
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature Range
(Soldering 10 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
1 Specification is for device in free air:
8-lead SOIC package: θJA = 155°C/W
16-lead SOIC package: θJA = 85°C/W
PIN CONFIGURATIONS
NC = NO CONNECT
AD825
TOP VIEW
(Not to Scale)
NC
1
–IN
2
+IN
3
–VS 4
NC
8
+VS
7
OUTPUT
6
NC
5
Figure 4. 8-Lead SOIC
NC
1
NC
2
NC
3
–INPUT
4
+INPUT
5
–VS 6
NC
7
NC
8
NC
10
NC
16
NC
15
NC
14
+VS
13
OUTPUT
12
NC
11
NC
9
AD825
TOP VIEW
(Not to Scale)
NC = NO CONNECT
Figure 5. 16-Lead SOIC
AMBIENT TEMPERATURE (°C)
2.0
1.5
0
–50
90
–40 –30 –20 –10
0
102030
50
607080
40
1.0
0.5
8-LEAD SOIC PACKAGE
TJ = 150°C
2.5
16-LEAD SOIC PACKAGE
Figure 6. Maximum Power Dissipation vs. Temperature
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - AD825AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD825AR AD-AD825AR Datasheet
2Mb / 11P
   Low Cost, General Purpose High Speed JFET Amplifier
REV. C
AD825AR AD-AD825AR Datasheet
414Kb / 12P
   Low Cost, General-Purpose High Speed JFET Amplifier
Rev. F
AD825AR AD-AD825AR Datasheet
414Kb / 12P
   Low Cost, General-Purpose High Speed JFET Amplifier
Rev. F
AD825AR-16 AD-AD825AR-16 Datasheet
414Kb / 12P
   Low Cost, General-Purpose High Speed JFET Amplifier
Rev. F
AD825AR-16 AD-AD825AR-16 Datasheet
414Kb / 12P
   Low Cost, General-Purpose High Speed JFET Amplifier
Rev. F
More results

Similar Description - AD825AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD825ARZ AD-AD825ARZ Datasheet
414Kb / 12P
   Low Cost, General-Purpose High Speed JFET Amplifier
Rev. F
AD825 AD-AD825_15 Datasheet
319Kb / 12P
   Low Cost, General-Purpose High Speed JFET Amplifier
Rev. G
AD825 AD-AD825 Datasheet
2Mb / 11P
   Low Cost, General Purpose High Speed JFET Amplifier
REV. C
AD825ARZ-REEL AD-AD825ARZ-REEL Datasheet
414Kb / 12P
   Low Cost, General-Purpose High Speed JFET Amplifier
Rev. F
logo
Linear Integrated Syste...
J210 LINEAR-J210_14 Datasheet
182Kb / 1P
   LOW NOISE N-CHANNEL JFET GENERAL PURPOSE AMPLIFIER
logo
Analog Devices
AD101A AD-AD101A_15 Datasheet
1Mb / 4P
   GENERAL PURPOSE LOW COST IC OPERATIONAL AMPLIFIER
AD8132 AD-AD8132 Datasheet
391Kb / 20P
   Low-Cost, High-Speed Differential Amplifier
REV. 0
AD8132 AD-AD8132_06 Datasheet
441Kb / 32P
   Low Cost, High Speed Differential Amplifier
Rev. F
AD8132 AD-AD8132_09 Datasheet
621Kb / 32P
   Low Cost, High Speed Differential Amplifier
Rev. I
AD8132ARZ-REEL7 AD-AD8132ARZ-REEL7 Datasheet
703Kb / 33P
   Low Cost, High Speed Differential Amplifier
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com