Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD605AN Datasheet(PDF) 10 Page - Analog Devices

Part # AD605AN
Description  Dual, Low Noise, Single-Supply Variable Gain Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD605AN Datasheet(HTML) 10 Page - Analog Devices

Back Button AD605AN Datasheet HTML 6Page - Analog Devices AD605AN Datasheet HTML 7Page - Analog Devices AD605AN Datasheet HTML 8Page - Analog Devices AD605AN Datasheet HTML 9Page - Analog Devices AD605AN Datasheet HTML 10Page - Analog Devices AD605AN Datasheet HTML 11Page - Analog Devices AD605AN Datasheet HTML 12Page - Analog Devices AD605AN Datasheet HTML 13Page - Analog Devices AD605AN Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD605
Rev. E | Page 10 of 20
FREQUENCY (Hz)
–30
–35
–70
–50
–55
–65
–60
–40
–45
HD2
HD3
100k
1M
10M
100M
VOUT = 1V p-p
VGN = 1.0V
Figure 21. Harmonic Distortion vs. Frequency
VGN (V)
–35
–75
–55
–60
–65
–70
–40
–50
–45
HD3
(10MHz)
HD2
(10MHz)
HD2
(1MHz)
HD3
(1MHz)
0.5
1.1
1.4
0.8
1.7
2.0
2.3
2.6
2.9
Figure 22. Harmonic Distortion vs. VGN at 1 MHz and 10 MHz
FREQUENCY (MHz)
–20
–90
–120
–30
–80
–100
–110
–60
–70
–40
–50
9.92
9.96
10.00
10.02
10.04
f = 10MHz
VOUT = 1V p-p
VGN = 1.0V
Figure 23. Intermodulation Distortion
15
–20
10
0
–5
–10
–15
5
FREQ = 10MHz
FREQ = 1MHz
INPUT GENERATOR
LIMIT = 21dBm
VGN (V)
0.1
2.9
2.5
2.1
1.7
1.3
0.9
0.5
Figure 24. 1 dB Compression vs. VGN
35
–5
30
15
10
5
0
25
20
VOUT = 1V p-p
f = 1MHz
f = 10MHz
VGN (V)
0.6
1.0
1.4
1.8
2.2
2.6
3.0
Figure 25. Third-Order Intercept vs. VGN at 1 MHz and 10 MHz
100ns/DIV
VOUT = 2V p-p
VGN = 1.5V
2V
2V
253ns
1.253µs
TRIG'D
Figure 26. Large Signal Pulse Response


Similar Part No. - AD605AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD605AN AD-AD605AN Datasheet
263Kb / 12P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
REV. C
AD605AN AD-AD605AN Datasheet
376Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. D
AD605ANZ AD-AD605ANZ Datasheet
376Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. D
More results

Similar Description - AD605AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD605 AD-AD605 Datasheet
263Kb / 12P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
REV. C
AD605 AD-AD605_06 Datasheet
376Kb / 20P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. D
AD605 AD-AD605_15 Datasheet
669Kb / 25P
   Dual, Low Noise, Single-Supply Variable Gain Amplifier
Rev. F
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
   Variable Gain Low Noise Amplifier
logo
TEXAS ADVANCED OPTOELEC...
VCA2616 TAOS-VCA2616 Datasheet
1Mb / 23P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
logo
Texas Instruments
VCA2613 TI1-VCA2613 Datasheet
775Kb / 20P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
VCA2612 TI1-VCA2612_14 Datasheet
1Mb / 25P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com