Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDZ-3 Datasheet(PDF) 3 Page - SYNERGY MICROWAVE CORPORATION

Part # SDZ-3
Description  POWER DIVIDERS 0쨘 : 2-WAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

SDZ-3 Datasheet(HTML) 3 Page - SYNERGY MICROWAVE CORPORATION

  SDZ-3 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION SDZ-3 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION SDZ-3 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION SDZ-3 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION SDZ-3 Datasheet HTML 5Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
[ 108 ]
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
POWER DIVIDERS
0º : 2-WAY
POWER DIVIDERS
0º : 2-WAY
1-500
25/20
30/20
30/20
0.4/0.7 0.4/0.7 0.5/1.2
2.0
2.0
3.0
0.2
0.2
0.2
101
3
DSF-102
2-1500
25/20
25/20
18/15
0.8/1.3 0.5/1.0 1.0/1.5
2.0
4.0
8.0
0.2
0.3
0.4
101
3
DSF-103
5-1000
30/20
30/23
25/20
0.3/0.5 0.5/0.8 0.6/1.0
3.0
2.0
5.0
0.2
0.2
0.2
101
3
DSF-109
FLAT-PACK
THROUGH HOLE MOUNT (8 Pin-Relay Can)
Notes:
75 Ohm Model
Power Rating(All Models) = 1 watt, max
For pin location and package outline drawings, see back pages.
MINI RELAY HEADER (4-Pin and 8 Pin)
0.1-450
20/15
30/20
30/20
0.3/0.5 0.4/.75 0.6/1.0
2.0
3.0
4.0
.15
0.2
0.3
107
1
DSP-4B4
1-400
30/25
30/25
30/20
.25/0.5 0.5/.75 0.7/1.0
2.0
3.0
4.0
.15
0.2
0.6
106
2
DSP-3C3
1-400
28/20
28/20
25/20
0.4/.65 0.5/0.8 0.7/1.0
3.0
3.0
4.0
0.3
0.3
0.3
105
2
DSP-309
1-500
25/20
30/23
30/20
0.4/0.6 0.4/0.7 0.5/1.0
2.0
2.0
2.0
0.2
0.2
0.3
105
2
DSP-302
1-400
28/20
28/20
25/20
0.4/.65 0.5/0.8 0.7/1.0
3.0
3.0
4.0
0.3
0.3
0.3
107
1
DSP-409
1-500
25/20
30/23
30/20
0.4/0.6 0.4/0.7 0.5/2.0
2.0
2.0
2.0
0.2
0.2
0.3
107
1
DSP-402
2-650
22/18
30/20
22/18
0.3/0.5 0.5/0.8 0.8/1.2
1.0
2.0
4.0
0.3
0.2
0.3
107
1
DSP-4A4
5-1500
18/16
20/16
20/14
0.6/0.8 0.6/0.8 0.6/1.1
2.0
3.0
5.0
0.2
0.3
0.4
107
1
DSP-4A5
MODEL
PHASE UNBALANCE
(Degrees)
LB
MB
UB
MAX
MAX
MAX
INSERTION LOSS (dB)
LB
MB
UB
TYP/MAX
TYP/MAX
TYP/MAX
FREQUENCY
RANGE
(MHz)
ISOLATION (dB)
LB
MB
UB
TYP/MIN
TYP/MIN
TYP/MIN
PIN-OUT
(See
Below)
AMPLITUDE UNBALANCE
(dB)
LB
MB
UB
MAX
MAX
MAX
PACKAGE
MODEL
PHASE UNBALANCE
(Degrees)
LB
MB
UB
MAX
MAX
MAX
INSERTION LOSS (dB)
LB
MB
UB
TYP/MAX
TYP/MAX
TYP/MAX
FREQUENCY
RANGE
(MHz)
ISOLATION (dB)
LB
MB
UB
TYP/MIN
TYP/MIN
TYP/MIN
PIN-OUT
(See
Below)
AMPLITUDE UNBALANCE
(dB)
LB
MB
UB
MAX
MAX
MAX
PACKAGE
MODEL
PHASE UNBALANCE
(Degrees)
LB
MB
UB
MAX
MAX
MAX
INSERTION LOSS (dB)
LB
MB
UB
TYP/MAX
TYP/MAX
TYP/MAX
FREQUENCY
RANGE
(MHz)
ISOLATION (dB)
LB
MB
UB
TYP/MIN
TYP/MIN
TYP/MIN
PIN-OUT
(See
Below)
AMPLITUDE UNBALANCE
(dB)
LB
MB
UB
MAX
MAX
MAX
PACKAGE
INPUT
OUTPUT
CASE GROUND
#1
1
5,6
All Other
#2
1
2,4
3
#3
8
1,5
All other
PIN-OUT TABLE
LB = LF to 10 LF
MB = 10 LF to HF/2
UB = HF/2 to HF
105
106
0.004-60
27/20
30/20
27/20
0.3/0.6 0.3/0.6 0.6/1.0
2.0
3.0
4.0
.15
.25
0.3
102
1
DSP-2B1
0.01-100
30/20
27/20
25/20
0.3/0.6 0.3/0.5 0.5/1.0
2.0
2.0
2.0
0.2
0.2
0.2
102
1
DSP-201
0.1-400
20/15
25/20
25/20
0.2/0.6 0.4/.75 0.6/1.0
2.0
3.0
4.0
.15
0.2
0.3
102
1
DSP-2A3
0.25-300
20/15
30/20
20/15
0.4/.75 0.4/.75 0.4/1.0
2.0
3.0
5.0
.15
0.2
0.3
102
1
DSP-2A2
0.5-500
25/20
30/23
30/20
0.4/0.6 0.4/0.7 0.5/1.0
2.0
2.0
3.0
0.2
0.2
0.2
103
1
DSP-202
1-400
28/20
28/20
25/20
0.4/.65 0.5/0.8 0.7/1.0
3.0
3.0
4.0
0.3
0.3
0.3
103
1
DSP-209
1-650
30/20
28/20
25/20
0.4/0.5 0.4/0.8 0.8/1.0
2.0
3.0
5.0
.15
0.2
0.3
102
1
DSP-222
5-2000
21/16
22/18
19/14
0.2/0.5 0.5/0.8 0.8/1.1
1.0
3.0
5.0
0.2
0.4
0.6
102
1
DSP-2A6
10-850
31/20
32/23
23/15
0.3/0.5 0.4/0.6 0.5/1.0
2.0
5.0
10.0
0.1
0.2
0.5
102
1
DSP-2D4
10-1000
30/20
28/20
25/20
0.2/0.5 0.6/1.0 0.9/1.2
2.0
4.0
6.0
0.2
0.2
0.4
102
1
DSP-212
10-1000
30/25
25/20
25/20
0.6/1.0 0.6/1.2 0.7/1.2
2.0
8.0
10.0
.15
0.2
0.4
102
1
DSP-2C4
10-1400
28/18
22/17
24/17
0.3/0.6 0.6/1.0 0.9/1.6
2.0
3.0
4.0
.15
0.2
0.4
102
1
DSP-2A5
107
103
102


Similar Part No. - SDZ-3

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
SDZ-135 SYNERGY-SDZ-135 Datasheet
47Kb / 2P
   POWER DIVIDERS 0쨘 : 3-WAY
More results

Similar Description - SDZ-3

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DSS-9C1 SYNERGY-DSS-9C1 Datasheet
35Kb / 1P
   POWER DIVIDERS 0쨘 : 8-WAY
DFS-9B1 SYNERGY-DFS-9B1 Datasheet
46Kb / 1P
   POWER DIVIDERS 0쨘 : 6-WAY
SDL-140 SYNERGY-SDL-140 Datasheet
70Kb / 2P
   POWER DIVIDERS 0쨘 : 4-WAY
SDL-135 SYNERGY-SDL-135 Datasheet
47Kb / 2P
   POWER DIVIDERS 0쨘 : 3-WAY
DES-901 SYNERGY-DES-901 Datasheet
31Kb / 1P
   POWER DIVIDERS 0쨘 : 5-WAY
DLP-901 SYNERGY-DLP-901 Datasheet
39Kb / 1P
   POWER DIVIDERS 0쨘 : 12-WAY
DXP-9A2 SYNERGY-DXP-9A2 Datasheet
29Kb / 1P
   POWER DIVIDERS 0쨘 : 10-WAY
logo
M/A-COM Technology Solu...
MAPDCT0029 MA-COM-MAPDCT0029 Datasheet
223Kb / 3P
   2 Way 0쨘 Power Divider
MAPD-010038-C209C0 MA-COM-MAPD-010038-C209C0 Datasheet
190Kb / 4P
   2 Way 0쨘 Power Divider
MAPD-010281-C2W024 MA-COM-MAPD-010281-C2W024_15 Datasheet
155Kb / 4P
   2 Way 0쨘 Power Divider
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com