Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSK-704 Datasheet(PDF) 2 Page - SYNERGY MICROWAVE CORPORATION

Part # DSK-704
Description  POWER DIVIDERS 0쨘 : 4-WAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

DSK-704 Datasheet(HTML) 2 Page - SYNERGY MICROWAVE CORPORATION

  DSK-704 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION DSK-704 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
[ 114 ]
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
POWER DIVIDERS
0º : 4-WAY
POWER DIVIDERS
0º : 4-WAY
THROUGH HOLE MOUNT (16 Pin-Header)
Power Rating (All Models) = 1 Watt, max
* Select female connector suffix: "B" = BNC, "S" = SMA, "N" = Type N, "T" = TNC
75 Ohm Model
For pin location and package outline drawings, see back pages.
128
COAXIAL CONNECTOR
MODEL
PHASE UNBALANCE
(Degrees)
LB
MB
UB
MAX
MAX
MAX
INSERTION LOSS (dB)
LB
MB
UB
TYP/MAX
TYP/MAX
TYP/MAX
FREQUENCY
RANGE
(MHz)
ISOLATION (dB)
LB
MB
UB
TYP/MIN
TYP/MIN
TYP/MIN
AMPLITUDE UNBALANCE
(dB)
LB
MB
UB
MAX
MAX
MAX
PIN-OUT
(See
Below)
PACKAGE
MODEL
PHASE UNBALANCE
(Degrees)
LB
MB
UB
MAX
MAX
MAX
INSERTION LOSS (dB)
LB
MB
UB
TYP/MAX
TYP/MAX
TYP/MAX
FREQUENCY
RANGE
(MHz)
ISOLATION (dB)
LB
MB
UB
TYP/MIN
TYP/MIN
TYP/MIN
AMPLITUDE UNBALANCE
(dB)
LB
MB
UB
MAX
MAX
MAX
PIN-OUT
(See
Below)
PACKAGE
LB = LF to 10 LF
MB = 10 LF to HF/2
UB = HF/2 to HF
PIN-OUT TABLE
INPUT
OUTPUT
CASE GROUND
#1
2
5,8,9,12
All other
#2
1
2,3,4,5
All other
#3
2
4,6,10,12
All Other
10-800
30/20
33/20
25/18
0.4/0.7 0.7/0.9 1.3/1.6
5.0
7.0
10
0.2
0.4
0.8
124
1
DSP-9E4
10-1000
25/20
21/15
18/15
0.5/0.8 0.8/1.8 1.5/2.5
4.0
6.0
10
0.2
0.5
0.7
124
1
DSP-9D4
10-1000
25/20
25/18
20/15
0.8/1.5 1.0/2.0 1.5/2.5
4.0
6.0
10
0.4
0.5
0.7
124
1
DSP-908
0.01-40
35/20
32/25
25/20
0.4/0.8 0.3/0.5 0.5/1.0
3.0
3.0
4.0
0.2
0.15
0.2
111
2
DSK-706*
1-200
30/20
25/20
25/20
0.4/0.7 0.5/0.9 0.7/1.2
4.0
6.0
10.0
0.15
0.2
0.3
169
2
DSK-7E2B
1-250
33/20
30/20
27/20
0.4/0.7 0.5/.75 0.7/1.2
3.0
3.0
4.0
.25
0.2
0.3
111
2
DSK-704*
1-500
25/20
25/20
23/20
0.8/1.2 0.6/1.2 1.0/1.5
4.0
3.0
5.0
0.4
0.3
0.4
111
2
DSK-707*
1-1000
25/15
25/20
20/15
0.6/1.5 1.0/2.0 1.5/2.5
5.0
6.0
8.0
0.5
0.5
0.5
111
2
DSK-708*
5-2000
25/20
20/15
20/15
1.3/1.8 1.0/2.3 2.5/2.8
2.0
4.0
8.0
0.2
0.4
0.6
247
2
DSK-745S
10-500
33/25
30/25
28/25
0.5/0.7 0.7/.85 .85/1.0
2.0
4.0
6.0
0.2
0.2
0.4
128
2
DSK-711S
20-1000
30/25
30/23
25/20
0.6/1.2 0.8/1.3 1.0/1.5
3.0
4.0
8.0
0.3
0.4
0.5
128
2
DSK-713S
30-1000
30/25
30/25
30/25
0.8/1.0 0.8/1.0 0.8/1.1
2.0
3.5
8.0
0.3
0.3
0.5
128
2
DSK-705S
0.01-40
35/20
32/25
25/20
0.4/0.8 0.3/0.5 0.5/1.0
3
3
4
0.2
0.15
0.2
123
3
DSP-506
1-250
33/20
30/20
27/20
0.4/0.7 0.5/.75 0.7/1.2
3
3
4
0.25
0.2
0.3
123
3
DSP-504
1-500
25/20
27/20
25/20
0.6/1.2 0.8/1.5 1.4/2.2
4
4
6
0.5
0.4
0.5
123
3
DSP-507
THROUGH HOLE MOUNT (TO-8)
MODEL
PHASE UNBALANCE
(Degrees)
LB
MB
UB
MAX
MAX
MAX
INSERTION LOSS (dB)
LB
MB
UB
TYP/MAX
TYP/MAX
TYP/MAX
FREQUENCY
RANGE
(MHz)
ISOLATION (dB)
LB
MB
UB
TYP/MIN
TYP/MIN
TYP/MIN
AMPLITUDE UNBALANCE
(dB)
LB
MB
UB
MAX
MAX
MAX
PIN-OUT
(See
Below)
PACKAGE
169
111
247


Similar Part No. - DSK-704

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DSK-701 SYNERGY-DSK-701 Datasheet
128Kb / 5P
   POWER DIVIDERS 0쨘 : 2-WAY
DSK-702 SYNERGY-DSK-702 Datasheet
128Kb / 5P
   POWER DIVIDERS 0쨘 : 2-WAY
DSK-703 SYNERGY-DSK-703 Datasheet
128Kb / 5P
   POWER DIVIDERS 0쨘 : 2-WAY
DSK-709 SYNERGY-DSK-709 Datasheet
128Kb / 5P
   POWER DIVIDERS 0쨘 : 2-WAY
DSK-709S SYNERGY-DSK-709S Datasheet
336Kb / 3P
   2-Way Power divider
More results

Similar Description - DSK-704

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DSS-9C1 SYNERGY-DSS-9C1 Datasheet
35Kb / 1P
   POWER DIVIDERS 0쨘 : 8-WAY
DFS-9B1 SYNERGY-DFS-9B1 Datasheet
46Kb / 1P
   POWER DIVIDERS 0쨘 : 6-WAY
SPD-C2 SYNERGY-SPD-C2 Datasheet
128Kb / 5P
   POWER DIVIDERS 0쨘 : 2-WAY
SDL-135 SYNERGY-SDL-135 Datasheet
47Kb / 2P
   POWER DIVIDERS 0쨘 : 3-WAY
DES-901 SYNERGY-DES-901 Datasheet
31Kb / 1P
   POWER DIVIDERS 0쨘 : 5-WAY
DLP-901 SYNERGY-DLP-901 Datasheet
39Kb / 1P
   POWER DIVIDERS 0쨘 : 12-WAY
DXP-9A2 SYNERGY-DXP-9A2 Datasheet
29Kb / 1P
   POWER DIVIDERS 0쨘 : 10-WAY
logo
M/A-COM Technology Solu...
MAPDCT0028 MA-COM-MAPDCT0028 Datasheet
139Kb / 3P
   4 Way 0쨘 Power divider
logo
Anaren Microwave
4A0279 ANAREN-4A0279_14 Datasheet
202Kb / 4P
   Power Dividers 4-Way
44100 ANAREN-44100 Datasheet
185Kb / 3P
   Power Dividers 4-Way
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com