Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SDL-140 Datasheet(PDF) 2 Page - SYNERGY MICROWAVE CORPORATION

Part No. SDL-140
Description  POWER DIVIDERS : 4-WAY
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Homepage  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

SDL-140 Datasheet(HTML) 2 Page - SYNERGY MICROWAVE CORPORATION

  SDL-140 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION SDL-140 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
[ 114 ]
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
POWER DIVIDERS
0º : 4-WAY
POWER DIVIDERS
0º : 4-WAY
THROUGH HOLE MOUNT (16 Pin-Header)
Power Rating (All Models) = 1 Watt, max
* Select female connector suffix: "B" = BNC, "S" = SMA, "N" = Type N, "T" = TNC
75 Ohm Model
For pin location and package outline drawings, see back pages.
128
COAXIAL CONNECTOR
MODEL
PHASE UNBALANCE
(Degrees)
LB
MB
UB
MAX
MAX
MAX
INSERTION LOSS (dB)
LB
MB
UB
TYP/MAX
TYP/MAX
TYP/MAX
FREQUENCY
RANGE
(MHz)
ISOLATION (dB)
LB
MB
UB
TYP/MIN
TYP/MIN
TYP/MIN
AMPLITUDE UNBALANCE
(dB)
LB
MB
UB
MAX
MAX
MAX
PIN-OUT
(See
Below)
PACKAGE
MODEL
PHASE UNBALANCE
(Degrees)
LB
MB
UB
MAX
MAX
MAX
INSERTION LOSS (dB)
LB
MB
UB
TYP/MAX
TYP/MAX
TYP/MAX
FREQUENCY
RANGE
(MHz)
ISOLATION (dB)
LB
MB
UB
TYP/MIN
TYP/MIN
TYP/MIN
AMPLITUDE UNBALANCE
(dB)
LB
MB
UB
MAX
MAX
MAX
PIN-OUT
(See
Below)
PACKAGE
LB = LF to 10 LF
MB = 10 LF to HF/2
UB = HF/2 to HF
PIN-OUT TABLE
INPUT
OUTPUT
CASE GROUND
#1
2
5,8,9,12
All other
#2
1
2,3,4,5
All other
#3
2
4,6,10,12
All Other
10-800
30/20
33/20
25/18
0.4/0.7 0.7/0.9 1.3/1.6
5.0
7.0
10
0.2
0.4
0.8
124
1
DSP-9E4
10-1000
25/20
21/15
18/15
0.5/0.8 0.8/1.8 1.5/2.5
4.0
6.0
10
0.2
0.5
0.7
124
1
DSP-9D4
10-1000
25/20
25/18
20/15
0.8/1.5 1.0/2.0 1.5/2.5
4.0
6.0
10
0.4
0.5
0.7
124
1
DSP-908
0.01-40
35/20
32/25
25/20
0.4/0.8 0.3/0.5 0.5/1.0
3.0
3.0
4.0
0.2
0.15
0.2
111
2
DSK-706*
1-200
30/20
25/20
25/20
0.4/0.7 0.5/0.9 0.7/1.2
4.0
6.0
10.0
0.15
0.2
0.3
169
2
DSK-7E2B
1-250
33/20
30/20
27/20
0.4/0.7 0.5/.75 0.7/1.2
3.0
3.0
4.0
.25
0.2
0.3
111
2
DSK-704*
1-500
25/20
25/20
23/20
0.8/1.2 0.6/1.2 1.0/1.5
4.0
3.0
5.0
0.4
0.3
0.4
111
2
DSK-707*
1-1000
25/15
25/20
20/15
0.6/1.5 1.0/2.0 1.5/2.5
5.0
6.0
8.0
0.5
0.5
0.5
111
2
DSK-708*
5-2000
25/20
20/15
20/15
1.3/1.8 1.0/2.3 2.5/2.8
2.0
4.0
8.0
0.2
0.4
0.6
247
2
DSK-745S
10-500
33/25
30/25
28/25
0.5/0.7 0.7/.85 .85/1.0
2.0
4.0
6.0
0.2
0.2
0.4
128
2
DSK-711S
20-1000
30/25
30/23
25/20
0.6/1.2 0.8/1.3 1.0/1.5
3.0
4.0
8.0
0.3
0.4
0.5
128
2
DSK-713S
30-1000
30/25
30/25
30/25
0.8/1.0 0.8/1.0 0.8/1.1
2.0
3.5
8.0
0.3
0.3
0.5
128
2
DSK-705S
0.01-40
35/20
32/25
25/20
0.4/0.8 0.3/0.5 0.5/1.0
3
3
4
0.2
0.15
0.2
123
3
DSP-506
1-250
33/20
30/20
27/20
0.4/0.7 0.5/.75 0.7/1.2
3
3
4
0.25
0.2
0.3
123
3
DSP-504
1-500
25/20
27/20
25/20
0.6/1.2 0.8/1.5 1.4/2.2
4
4
6
0.5
0.4
0.5
123
3
DSP-507
THROUGH HOLE MOUNT (TO-8)
MODEL
PHASE UNBALANCE
(Degrees)
LB
MB
UB
MAX
MAX
MAX
INSERTION LOSS (dB)
LB
MB
UB
TYP/MAX
TYP/MAX
TYP/MAX
FREQUENCY
RANGE
(MHz)
ISOLATION (dB)
LB
MB
UB
TYP/MIN
TYP/MIN
TYP/MIN
AMPLITUDE UNBALANCE
(dB)
LB
MB
UB
MAX
MAX
MAX
PIN-OUT
(See
Below)
PACKAGE
169
111
247


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DLP-901POWER DIVIDERS : 12-WAY 1 SYNERGY MICROWAVE CORPORATION
DXP-9A2POWER DIVIDERS : 10-WAY 1 SYNERGY MICROWAVE CORPORATION
DSS-9C1POWER DIVIDERS : 8-WAY 1 SYNERGY MICROWAVE CORPORATION
DFS-9B1POWER DIVIDERS : 6-WAY 1 SYNERGY MICROWAVE CORPORATION
DES-901POWER DIVIDERS : 5-WAY 1 SYNERGY MICROWAVE CORPORATION
44010Power Dividers 4-Way 1 2 3 Anaren Microwave
44020Power Dividers 4-Way 1 2 3 Anaren Microwave
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
44100Power Dividers 4-Way 1 2 3 Anaren Microwave
40267Power Dividers 1 2 3 Anaren Microwave

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn