Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DSS-9C1 Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part No. DSS-9C1
Description  POWER DIVIDERS : 8-WAY
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Homepage  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

DSS-9C1 Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  DSS-9C1 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ 117 ]
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
POWER DIVIDERS
0º : 8-WAY
POWER DIVIDERS
0º : 8-WAY
0.01-30
33/20
30/25
35/23
0.3/0.6 0.7/0.9 0.8/1.0
1.5
3.0
4.0
0.3
0.2
0.3
112
4
DSK-714*
1-200
30/25
30/20
25/20
0.8/1.2 0.8/1.2 1.0/1.5
1.5
3.0
6.0
0.2
0.3
0.3
112
4
DSK-715*
1-500
25/20
30/20
30/20
1.0/1.8 1.8/2.0 1.8/2.7
3.0
6.0
10.0
0.2
0.3
0.5
112
4
DSK-716*
5-200
30/20
25/20
25/20
0.4/0.7 0.5/0.9 0.7/1.2
4.0
6.0
10.0
0.15
0.2
0.3
170
2
DSK-773B
30-1000
23/20
25/20
23/20
0.8/1.2 1.6/2.1 2.5/2.8
3.0
8.0
12.0
0.3
0.4
0.7
112
4
DSK-810S
SURFACE MOUNT
0.01-10
40/20
40/25
28/23
0.3/0.7 0.5/1.0 0.6/1.1
1.0
2.5
4.0
0.1
0.2
0.3
124S
1
DSS-9C1
0.01-30
33/20
30/25
35/23
0.3/0.6 0.7/0.9 0.8/1.0
1.5
3.0
4.0
0.3
0.2
0.3
124S
1
DSS-914
0.5-175
30/25
30/20
25/18
0.8/1.2 0.8/1.2 1.0/1.6
1.0
2.5
5.0
0.2
0.3
0.5
124S
1
DSS-9L2
1-200
30/25
30/20
25/20
0.8/1.2 0.8/1.2 1.0/1.5
1.5
3.0
6.0
0.2
0.3
0.4
124S
1
DSS-915
1-500
25/20
30/20
30/20
1.0/1.8 1.8/2.0 1.8/2.7
3.0
6.0
12.0
0.2
0.3
0.5
124S
1
DSS-916
COAXIAL CONNECTOR
170
THROUGH HOLE MOUNT(16 - Pin)
0.01-10
40/20
40/25
28/23
0.3/0.7 0.5/1.0 0.6/1.1
1.0
2.5
4.0
0.1
0.2
0.3
124
2
DSP-9C1
0.01-30
33/20
30/25
35/23
0.3/0.6 0.7/0.9 0.8/1.0
1.5
3.0
4.0
0.3
0.2
0.3
124
3
DSP-914
0.5-175
30/25
30/20
25/18
0.8/1.2 0.8/1.2 1.0/1.6
1.0
2.5
5.0
0.2
0.3
0.5
124
2
DSP-9L2
1-200
30/25
30/20
25/20
0.8/1.2 0.8/1.2 1.0/1.5
1.5
3.0
6.0
0.2
0.3
0.4
124
3
DSP-915
1-500
25/20
30/20
30/20
1.0/1.8 1.8/2.0 1.8/2.7
3.0
6.0
12.0
0.2
0.3
0.5
124
2
DSP-916
Power Rating (All Models) = 1 Watt, max
* Select female connector suffix:
"B" = BNC, "S" = SMA, "N" = Type N, "T" = TNC
75 Ohm Model
For pin location and package outline drawings, see back pages.
MODEL
PHASE UNBALANCE
(Degrees)
LB
MB
UB
MAX
MAX
MAX
INSERTION LOSS (dB)
LB
MB
UB
TYP/MAX
TYP/MAX
TYP/MAX
FREQUENCY
RANGE
(MHz)
ISOLATION (dB)
LB
MB
UB
TYP/MIN
TYP/MIN
TYP/MIN
AMPLITUDE UNBALANCE
(dB)
LB
MB
UB
MAX
MAX
MAX
PIN-OUT
(See
Below)
PACKAGE
MODEL
PHASE UNBALANCE
(Degrees)
LB
MB
UB
MAX
MAX
MAX
INSERTION LOSS (dB)
LB
MB
UB
TYP/MAX
TYP/MAX
TYP/MAX
FREQUENCY
RANGE
(MHz)
ISOLATION (dB)
LB
MB
UB
TYP/MIN
TYP/MIN
TYP/MIN
AMPLITUDE UNBALANCE
(dB)
LB
MB
UB
MAX
MAX
MAX
PIN-OUT
(See
Below)
PACKAGE
MODEL
PHASE UNBALANCE
(Degrees)
LB
MB
UB
MAX
MAX
MAX
INSERTION LOSS (dB)
LB
MB
UB
TYP/MAX
TYP/MAX
TYP/MAX
FREQUENCY
RANGE
(MHz)
ISOLATION (dB)
LB
MB
UB
TYP/MIN
TYP/MIN
TYP/MIN
AMPLITUDE UNBALANCE
(dB)
LB
MB
UB
MAX
MAX
MAX
PIN-OUT
(See
Below)
PACKAGE
LB = LF to 10 LF
MB = 10 LF to HF/2
UB = HF/2 to HF
PIN-OUT TABLE
# 1
2
1.4,5,8,9,12,13,16
3, 14,15
-
# 2
2
1,4,5,8,9,12,13,16
3,6,7,14,15
10,11
# 3
2
1.4,5,8,9,12,13,16
All Other
-
# 4
1
2,3,4,5,6,7,8,9
-
-
INPUT
OUTPUT
CASE GROUND
NOT USED
112


Html Pages

1 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DLP-901POWER DIVIDERS : 12-WAY 1 SYNERGY MICROWAVE CORPORATION
DXP-9A2POWER DIVIDERS : 10-WAY 1 SYNERGY MICROWAVE CORPORATION
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
4J0265Power Dividers 1 2 3 Anaren Microwave
40288Power Dividers 1 2 3 Anaren Microwave
43020Power Dividers 1 2 3 Anaren Microwave
4J0266Power Dividers 1 2 3 Anaren Microwave
40510Power Dividers 1 2 3 Anaren Microwave
43040Power Dividers 1 2 3 Anaren Microwave
40255Power Dividers 1 2 3 Anaren Microwave

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn