Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

L6205 Datasheet(PDF) 5 Page - STMicroelectronics

Part No. L6205
Description  DMOS DUAL FULL BRIDGE DRIVER
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

L6205 Datasheet(HTML) 5 Page - STMicroelectronics

 
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5/21
L6205
ELECTRICAL CHARACTERISTICS
(Tamb = 25 °C, Vs = 48V, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VSth(ON) Turn-on Threshold
6.6
7
7.4
V
VSth(OFF) Turn-off Threshold
5.6
6
6.4
V
IS
Quiescent Supply Current
All Bridges OFF;
Tj = -25°C to 125°C
(7)
510
mA
Tj(OFF)
Thermal Shutdown Temperature
165
°C
Output DMOS Transistors
RDS(ON) High-Side Switch ON Resistance Tj = 25 °C
0.34
0.4
Tj =125 °C
(7)
0.53
0.59
Low-Side Switch ON Resistance
Tj = 25 °C
0.28
0.34
Tj =125 °C
(7)
0.47
0.53
IDSS
Leakage Current
EN = Low; OUT = VS
2mA
EN = Low; OUT = GND
-0.15
mA
Source Drain Diodes
VSD
Forward ON Voltage
ISD = 2.8A, EN = LOW
1.15
1.3
V
trr
Reverse Recovery Time
If = 2.8A
300
ns
tfr
Forward Recovery Time
200
ns
Logic Input
VIL
Low level logic input voltage
-0.3
0.8
V
VIH
High level logic input voltage
2
7
V
IIL
Low Level Logic Input Current
GND Logic Input Voltage
-10
µA
IIH
High Level Logic Input Current
7V Logic Input Voltage
10
µA
Vth(ON)
Turn-on Input Threshold
1.8
2.0
V
Vth(OFF)
Turn-off Input Threshold
0.8
1.3
V
Vth(HYS)
Input Threshold Hysteresis
0.25
0.5
V
Switching Characteristics
tD(on)EN
Enable to out turn ON delay time (8)
ILOAD =2.8A, Resistive Load
100
250
400
ns
tD(on)IN
Input to out turn ON delay time
ILOAD =2.8A, Resistive Load
(dead time included)
1.6
µs
tRISE
Output rise time(8)
ILOAD =2.8A, Resistive Load
40
250
ns
tD(off)EN
Enable to out turn OFF delay time (8) ILOAD =2.8A, Resistive Load
300
550
800
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
L6206DMOS DUAL FULL BRIDGE DRIVER 1 2 3 4 5 MoreSTMicroelectronics
L6226DMOS DUAL FULL BRIDGE DRIVER 1 2 3 4 5 MoreSTMicroelectronics
L6207DMOS DUAL FULL BRIDGE DRIVER WITH PWM CURRENT CONTROLLER 1 2 3 4 5 MoreSTMicroelectronics
L6227DMOS DUAL FULL BRIDGE DRIVER WITH PWM CURRENT CONTROLLER 1 2 3 4 5 MoreSTMicroelectronics
L9925DMOS DUAL FULL BRIDGE DRIVER 1 2 3 4 5 MoreSTMicroelectronics
L6225DUAL DMOS FULL BRIDGE MOTOR DRIVER 1 2 3 4 5 MoreSTMicroelectronics
L6204DMOS DUAL FULL BRIDGE DRIVER 1 2 3 4 5 MoreSTMicroelectronics
3976DUAL FULL BRIDGE PROTECTED MOTOR DRIVER 1 2 3 4 5 Allegro MicroSystems
CA3275Dual Full Bridge Driver 1 2 3 4 5 Intersil Corporation
TB6424FNDC MOTOR DUAL FULL BRIDGE DRIVER H-SWITCH 1 2 3 4 5 MoreToshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn