Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DLP-901 Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part No. DLP-901
Description  POWER DIVIDERS : 12-WAY
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Homepage  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

DLP-901 Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  DLP-901 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ 119 ]
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
POWER DIVIDERS
0º : 12-WAY
POWER DIVIDERS
0º : 12-WAY
THROUGH HOLE MOUNT(16 - Pin)
2-100
25/20
33/20
34/20
0.4/0.8 0.4/0.8 0.6/1.0
2.0
2.0
3.0
0.4
0.4
0.6
124
1
DLP-901
COAXIAL CONNECTOR
Power Rating (All Models) = 1 Watt, max
75 Ohm Model
(UB) - Denotes full bandwidth specification
For pin location and package outline drawings, see back pages.
172
MODEL
PHASE UNBALANCE
(Degrees)
LB
MB
UB
MAX
MAX
MAX
INSERTION LOSS (dB)
LB
MB
UB
TYP/MAX
TYP/MAX
TYP/MAX
FREQUENCY
RANGE
(MHz)
ISOLATION (dB)
LB
MB
UB
TYP/MIN
TYP/MIN
TYP/MIN
AMPLITUDE UNBALANCE
(dB)
LB
MB
UB
MAX
MAX
MAX
PIN-OUT
(See
Below)
PACKAGE
MODEL
PHASE UNBALANCE
(Degrees)
LB
MB
UB
MAX
MAX
MAX
INSERTION LOSS (dB)
LB
MB
UB
TYP/MAX
TYP/MAX
TYP/MAX
FREQUENCY
RANGE
(MHz)
ISOLATION (dB)
LB
MB
UB
TYP/MIN
TYP/MIN
TYP/MIN
AMPLITUDE UNBALANCE
(dB)
LB
MB
UB
MAX
MAX
MAX
PIN-OUT
(See
Below)
PACKAGE
3-250
25/20
32/25
30/23
1.0/1.3 0.9/1.2 1.6/2.0
3.0
6.0
10
0.3
0.4
0.8
143
2
DLK-712S
5-200
25/20
32/25
25/20
0.7/1.2 0.9/1.1 1.2/1.5
4.0
6.0
8.0
0.5
0.6
0.8
172
2
DLK-702B
5-200
25/20
32/23
25/18
0.8/1.3 0.9/1.2 1.2/1.6
4.0
6.0
8.0
0.5
0.6
0.8
172
2
DLK-772B
850-1000
---/---
---/---
20/15
---/---
---/---
3.0/4.0
-
-
8.0
-
-
2.0
143
2
DLK-7L4S
LB = LF to 10 LF
MB = 10 LF to HF/2
UB = HF/2 to HF
PIN-OUT TABLE
#1
6
1,2,3,4,5,8,9,12,13,14,15,16
7,10,11
#2
1
2,3,4,5,6,7,8,9,10,11,12,13
-
INPUT
OUTPUTS
CASE GROUND
143


Html Pages

1 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
40255Power Dividers 1 2 3 Anaren Microwave
40710Power Dividers 1 2 3 Anaren Microwave
44000Power Dividers 1 2 3 Anaren Microwave
40256Power Dividers 1 2 3 Anaren Microwave
41130Power Dividers 1 2 3 Anaren Microwave
44010Power Dividers 4-Way 1 2 3 Anaren Microwave
40260Power Dividers 1 2 3 Anaren Microwave
41180Power Dividers 1 2 3 Anaren Microwave
44020Power Dividers 4-Way 1 2 3 Anaren Microwave

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn