Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SLQ-KH1 Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part No. SLQ-KH1
Description  QUADRATURE HYBRID OCTAVE BANDWIDTH 30 - 60 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Homepage  http://www.synergymwave.com
Logo 

SLQ-KH1 Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail:sales@synergymwave.com•WorldWideWeb:http://www.synergymwave.com
Copyright © 2004 Synergy Microwave Corporation
OCTAVE BANDWIDTH
30 - 60 MHz
QUADRATURE HYBRID
MODEL SLQ-KH1
MECHANICAL OUTLINE: 159
Operating Frequency:
30 - 60 MHz
Insertion Loss:
0.3 dB (Typ) / 0.6 dB (Max)
Isolation:
25 dB (Typ) / 20 dB (Min)
Amplitude Unbalance:
0.4 dB (Typ) / 0.75 dB (Max)
Phase Unbalance:
1.0º (Typ) / 3.0º (Max)
VSWR :
1.1:1 (Max)
Power Rating:
1 Watt (Max)
Impedance:
50 Ohms (Nom)
Operating Temp. Range:
-20o to +70oC
SPECIFICATIONS
PIN-OUT
Input
6
+90º Output
1
0º Output
2
Isolated*
5
Ground**
3,4
* Terminate Isolated port
with 50 Ohms
** Ground Externally
Note:
- Dimensions are in inches
- Tolerance: ± 0.15 inches


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn