Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SMQ-C02 Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part No. SMQ-C02
Description  90º HYBRID 2:1 SURFACE MOUNT Bandwidth 40 - 80 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Homepage  http://www.synergymwave.com
Logo 

SMQ-C02 Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
40 - 80 MHz
2:1 Bandwidth
90º HYBRID
SURFACE MOUNT MODEL: SMQ-C02
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
Copyright © 2008 Synergy Microwave Corporation
FEATURES:
Excellent Performance
Building Block For:
-PowerAmplifier
- image Rejection Mixers
- i & Q / SSB Modulators
- Phase Shifters & More...
SPECIFICATIONS (Rev. B 02/25/08)
Frequency
40 - 80 MHz
Package #
129
PortConfiguration
input
isolated*
+90º
Output
Output
Gnd.**
no Conn.
5
6
1
2
7,8,9,10
3,4
* Terminate ISOLATED port in 50 Ohms EXTERNALLY
** Ground Externally
insertion Loss *
dB (Typ.)
dB (Max.)
0.3
0.5
amplitude Unbalance
dB (Typ.)
dB (Max.)
0.5
0.75
Phase Unbalance
(Typ.)
(Max.)
isolation
dB (Typ.)
dB (Min.)
25
20
Power Rating
1 Watt (Max.)
impedance
50 Ohms (Nom.)
VSwR
1.20:1 (Typ.)
Operating temperature Range
-40 to +85 °C
Storage temperature Range
-55 to +100 °C
* Insertion loss in excess of the theoretical 3 dB coupling.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn