Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SMQ-C09 Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part No. SMQ-C09
Description  90º HYBRID SURFACE MOUNT 3:1 BANDWIDTH 14 - 42 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Homepage  http://www.synergymwave.com
Logo 

SMQ-C09 Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
14 - 42 MHz
3:1 BANDWIDTH
90º HYBRID
SURFACE MOUNT MODEL: SMQ-C09
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
Copyright © 2008 Synergy Microwave Corporation
FEATURES:
Excellent Performance
Small Package Size, Surface Mount
Building Block For:
- Power Amplifiers
- Image Rejection Mixers
- I & Q / SSB Modulators
- Phase Shifters & More...
SPECIFICATIONS (Rev. B 10/04/07)
Frequency
14 - 42 MHz
Package #
129
Port Configuration
Input Isolated* +90º Output 0º Output
GND.**
No. Conn.
5
6
1
2
7,8,9,10
3,4
* Terminate ISOLATED port in 50 Ohms EXTERNALLY.
** Ground Externally
Insertion Loss (dB) *
Typ
Max
0.4
0.9
Amplitude Unbalance (dB)
Typ
Max
0.6
0.9
Phase Unbalance (Deg.)
Typ
Max
1.0
3.0
Isolation (dB)
Typ
Min
17
14
Power Rating
1 Watt (Max)
Impedance
50 Ohms (Nom)
VSWR
1.15:1 (Typ)
Operating Temperature Range
-40 to +85 °C
Storage Temperature Range
-55 to +100 °C
* Signal loss in excess of the theoretical 3 dB coupling.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn