Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28372OXC Datasheet(PDF) 1 Page - SpectraLinear Inc

Part # CY28372OXC
Description  SiS 746 AMD Athlon??AMD Duron??Clock Synthesizer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28372OXC Datasheet(HTML) 1 Page - SpectraLinear Inc

  CY28372OXC Datasheet HTML 1Page - SpectraLinear Inc CY28372OXC Datasheet HTML 2Page - SpectraLinear Inc CY28372OXC Datasheet HTML 3Page - SpectraLinear Inc CY28372OXC Datasheet HTML 4Page - SpectraLinear Inc CY28372OXC Datasheet HTML 5Page - SpectraLinear Inc CY28372OXC Datasheet HTML 6Page - SpectraLinear Inc CY28372OXC Datasheet HTML 7Page - SpectraLinear Inc CY28372OXC Datasheet HTML 8Page - SpectraLinear Inc CY28372OXC Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SiS 746 AMD Athlon™/AMD Duron™ Clock Synthesizer
CY28372
Rev 1.0, November 20, 2006
Page 1 of 17
2200 Laurelwood Road, Santa Clara, CA 95054
Tel:(408) 855-0555
Fax:(408) 855-0550
www.SpectraLinear.com
Features
• Supports AMD Athlon /Duron
CPU
• 3.3V and 2.5V power supply
• Eight copies of PCI clocks
• One 48-MHz USB clock
• Two copies of ZCLK clocks
• One 48 MHz/24 MHz programmable SIO clock
• One differential CPU clock (opendrain)
• One singled-ended CPU clock (opendrain)
• SMBus support with readback capabilities
• Spread Spectrum electromagnetic interference (EMI)
reduction
• 48-pin SSOP package
CPU
ZCLK
REF
PCI
AGP
IOAPIC
48M
24_48M
x 2
x 2
x 3
x 8
x 2
x 2
x 1
x 1
Block Diagram
Pin Configuration
VDD_REF
CPUT0, CPUC0
XTAL
PLL Ref Freq
XOUT
XIN
VDD_PCI
OSC
SCLK
PLL 1
I2C
Logic
VDD_48
SDATA
VDD_AGP
Divider
Network
VDD_CPU
**FS0:3
2
SSOP-48
REF0:2
AGP0:1
PCIF0:1
PCI0:5
48 MHz
24_48MHz
CPUT1
VDD_REF
**FS0/REF0
**FS1/REF1
REF2
GND_REF
XIN
XOUT
GND_Z
ZCLK0
ZCLK1
VDD_Z
*PCI_STP#
VDD_PCI
**FS2/PCIF0
*FS3/PCIF1
PCI0
PCI1
GND_PCI
VDD_PCI
PCI2
PCI3
PCI4
PCI5
GND_PCI
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
28
27
26
25
32
31
30
29
VDD_APIC
IOAPIC1
IOAPIC0
GND_APIC
CPU_STP#*
CPUT1
VDD_CPU
GND_CPU
CPUT0
CPUC0
VDD_CPU
GNDA
VDDA
SCLK
SDATA
PD#*
GND_AGP
AGP0
AGP1
VDD_AGP
VDD_48
48MHZ
24_48MHZ
GND_48
ZCLK0:1
VDD_Z
APIC0:1
VDD_APIC
PCI_STP#
CPU_STP#
* : Internal Pull-up 150k
** : Internal Pull-down 150k
Fract.
Aligner
PD#
PLL2
2


Similar Part No. - CY28372OXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28372OXC CYPRESS-CY28372OXC Datasheet
283Kb / 18P
   SiS 746 AMD Athlon/AMD Duron Clock Synthesizer
CY28372OXCT CYPRESS-CY28372OXCT Datasheet
283Kb / 18P
   SiS 746 AMD Athlon/AMD Duron Clock Synthesizer
More results

Similar Description - CY28372OXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28372 CYPRESS-CY28372 Datasheet
283Kb / 18P
   SiS 746 AMD Athlon/AMD Duron Clock Synthesizer
logo
Fairchild Semiconductor
FAN5240 FAIRCHILD-FAN5240_06 Datasheet
564Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon and Duron
logo
Microsemi Corporation
LX1676 MICROSEMI-LX1676_05 Datasheet
323Kb / 16P
   Mobile AMD Athlon??VRM Controller
logo
Fairchild Semiconductor
FAN5240 FAIRCHILD-FAN5240 Datasheet
447Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon TM and Duron TM
logo
California Micro Device...
CMBUS100 CALMIRCO-CMBUS100 Datasheet
173Kb / 6P
   AMD ATHLON VID/FID INTERFACE
logo
List of Unclassifed Man...
VT8363A ETC2-VT8363A Datasheet
681Kb / 54P
   KT133A AMD ATHLON??NORTH BRIDGE
logo
International Rectifier
IR3082 IRF-IR3082 Datasheet
444Kb / 33P
   XPHASE AMD OPTERON/ATHLON 64 CONTROL IC
logo
AAEON Technology
EMB-6908T AAEON-EMB-6908T Datasheet
382Kb / 2P
   Embedded Motherboard with AMD Athlon 64/ Athlon 64 x2 (AM2 Socket) Processor
logo
Integrated Circuit Syst...
MK149106 ICST-MK149106 Datasheet
215Kb / 10P
   AMD Geode??Clock Source
logo
AAEON Technology
EMB-6908T AAEON-EMB-6908T Datasheet
382Kb / 2P
   Embedded Motherboard with AMD Athlon??64/ Athlon??64 x2 (AM2 Socket) Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com