Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28359OIT Datasheet(PDF) 6 Page - SpectraLinear Inc

Part # CY28359OIT
Description  273 MHz 6 Output Buffer for DDR400 DIMMS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28359OIT Datasheet(HTML) 6 Page - SpectraLinear Inc

  CY28359OIT Datasheet HTML 1Page - SpectraLinear Inc CY28359OIT Datasheet HTML 2Page - SpectraLinear Inc CY28359OIT Datasheet HTML 3Page - SpectraLinear Inc CY28359OIT Datasheet HTML 4Page - SpectraLinear Inc CY28359OIT Datasheet HTML 5Page - SpectraLinear Inc CY28359OIT Datasheet HTML 6Page - SpectraLinear Inc CY28359OIT Datasheet HTML 7Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CY28359
Rev 1.0, November 24, 2006
Page 6 of 7
Switching Waveforms
Duty Cycle Timing
t1
t2
Output-Output Skew
t4
OUTPUT
OUTPUT
)
)
RT =120
Receiver
60
60
VCC
VCC
Device
Under
Test
Figure 1. Differential Signal Using Direct Termination Resistor
Out
Out
VTR
VCP
Figure 1 shows the differential clock directly terminated by a 120
resistor.
Ordering Information
Ordering Code
Package Type
Operating Range
CY28359OC
28-pin SSOP
Commercial, 0°C to 70 °C
CY28359OCT
28-pin SSOP (Tape & Reel)
Commercial, 0°C to 70 °C
CY28359OI
28-pin SSOP
Industrial, –40°C to 85 °C
CY28359OIT
28-pin SSOP (Tape & Reel)
Industrial, –40°C to 85 °C


Similar Part No. - CY28359OIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28359OIT CYPRESS-CY28359OIT Datasheet
186Kb / 8P
   273-MHz 6-Output Buffer for DDR400 DIMMS
More results

Similar Description - CY28359OIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28359 CYPRESS-CY28359 Datasheet
186Kb / 8P
   273-MHz 6-Output Buffer for DDR400 DIMMS
logo
SpectraLinear Inc
CY28354-400 SPECTRALINEAR-CY28354-400 Datasheet
168Kb / 8P
   210 MHz 24 Output Buffer for 4-DDR DIMMS for VIA Chipsets Support
logo
Cypress Semiconductor
CY28354-400 CYPRESS-CY28354-400 Datasheet
214Kb / 9P
   210-MHz 24-Output Buffer for 4-DDR DIMMS for VIA Chipsets Support
W255 CYPRESS-W255 Datasheet
255Kb / 10P
   200-MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
logo
Silicon Laboratories
CY28354-400 SILABS-CY28354-400 Datasheet
120Kb / 8P
   210 MHz 24 Output Buffer for 4-DDR DIMMS for VIA Chipsets Support
logo
SpectraLinear Inc
W255 SPECTRALINEAR-W255 Datasheet
195Kb / 9P
   200 MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
logo
Silicon Laboratories
W255 SILABS-W255 Datasheet
135Kb / 9P
   200 MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
logo
Cypress Semiconductor
W256 CYPRESS-W256 Datasheet
176Kb / 9P
   12 Output Buffer for 2 DDR and 3 SRAM DIMMS
logo
SpectraLinear Inc
W256 SPECTRALINEAR-W256 Datasheet
141Kb / 7P
   12 Output Buffer for 2 DDR and 3 SRAM DIMMS
logo
Silicon Laboratories
W256 SILABS-W256 Datasheet
277Kb / 8P
   12 Output Buffer for 2 DDR and 3 SRAM DIMMS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com