Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28359OI Datasheet(PDF) 7 Page - SpectraLinear Inc

Part # CY28359OI
Description  273 MHz 6 Output Buffer for DDR400 DIMMS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28359OI Datasheet(HTML) 7 Page - SpectraLinear Inc

  CY28359OI Datasheet HTML 1Page - SpectraLinear Inc CY28359OI Datasheet HTML 2Page - SpectraLinear Inc CY28359OI Datasheet HTML 3Page - SpectraLinear Inc CY28359OI Datasheet HTML 4Page - SpectraLinear Inc CY28359OI Datasheet HTML 5Page - SpectraLinear Inc CY28359OI Datasheet HTML 6Page - SpectraLinear Inc CY28359OI Datasheet HTML 7Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Rev 1.0, November 24, 2006
Page 7 of 7
CY28359
While SLI has reviewed all information herein for accuracy and reliability, Spectra Linear Inc. assumes no responsibility for the use of any cir-
cuitry or for the infringement of any patents or other rights of third parties which would result from each use. This product is intended for use in
normal commercial applications and is not warranted nor is it intended for use in life support, critical medical instruments, or any other applica-
tion requiring extended temperature range, high reliability, or any other extraordinary environmental requirements unless pursuant to additional
processing by Spectra Linear Inc., and expressed written agreement by Spectra Linear Inc. Spectra Linear Inc. reserves the right to change any
circuitry or specification without notice.
Package Drawing and Dimensions
28-Lead (5.3 mm) Shrunk Small Outline Package O28


Similar Part No. - CY28359OI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28359OI CYPRESS-CY28359OI Datasheet
186Kb / 8P
   273-MHz 6-Output Buffer for DDR400 DIMMS
CY28359OIT CYPRESS-CY28359OIT Datasheet
186Kb / 8P
   273-MHz 6-Output Buffer for DDR400 DIMMS
More results

Similar Description - CY28359OI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28359 CYPRESS-CY28359 Datasheet
186Kb / 8P
   273-MHz 6-Output Buffer for DDR400 DIMMS
logo
SpectraLinear Inc
CY28354-400 SPECTRALINEAR-CY28354-400 Datasheet
168Kb / 8P
   210 MHz 24 Output Buffer for 4-DDR DIMMS for VIA Chipsets Support
logo
Cypress Semiconductor
CY28354-400 CYPRESS-CY28354-400 Datasheet
214Kb / 9P
   210-MHz 24-Output Buffer for 4-DDR DIMMS for VIA Chipsets Support
W255 CYPRESS-W255 Datasheet
255Kb / 10P
   200-MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
logo
Silicon Laboratories
CY28354-400 SILABS-CY28354-400 Datasheet
120Kb / 8P
   210 MHz 24 Output Buffer for 4-DDR DIMMS for VIA Chipsets Support
logo
SpectraLinear Inc
W255 SPECTRALINEAR-W255 Datasheet
195Kb / 9P
   200 MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
logo
Silicon Laboratories
W255 SILABS-W255 Datasheet
135Kb / 9P
   200 MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
logo
Cypress Semiconductor
W256 CYPRESS-W256 Datasheet
176Kb / 9P
   12 Output Buffer for 2 DDR and 3 SRAM DIMMS
logo
SpectraLinear Inc
W256 SPECTRALINEAR-W256 Datasheet
141Kb / 7P
   12 Output Buffer for 2 DDR and 3 SRAM DIMMS
logo
Silicon Laboratories
W256 SILABS-W256 Datasheet
277Kb / 8P
   12 Output Buffer for 2 DDR and 3 SRAM DIMMS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com