Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28358OCT Datasheet(PDF) 8 Page - SpectraLinear Inc

Part # CY28358OCT
Description  200-MHz Differential Clock Buffer/Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28358OCT Datasheet(HTML) 8 Page - SpectraLinear Inc

Back Button CY28358OCT Datasheet HTML 2Page - SpectraLinear Inc CY28358OCT Datasheet HTML 3Page - SpectraLinear Inc CY28358OCT Datasheet HTML 4Page - SpectraLinear Inc CY28358OCT Datasheet HTML 5Page - SpectraLinear Inc CY28358OCT Datasheet HTML 6Page - SpectraLinear Inc CY28358OCT Datasheet HTML 7Page - SpectraLinear Inc CY28358OCT Datasheet HTML 8Page - SpectraLinear Inc CY28358OCT Datasheet HTML 9Page - SpectraLinear Inc CY28358OCT Datasheet HTML 10Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CY28358
Rev 1.0, November 20, 2006
Page 8 of 10
Maximum Ratings[3]
Input Voltage Relative to VSS:...............................VSS – 0.3V
Input Voltage Relative to VDDQ or AVDD:.............. VDD + 0.3V
Storage Temperature: ................................ –65 C to + 150 C
Operating Temperature:.................................... 0 C to +85 C
Maximum Power Supply: ................................................ 3.5V
This device contains circuitry to protect the inputs against
damage due to high static voltages or electric field; however,
precautions should be taken to avoid application of any
voltage higher than the maximum rated voltages to this circuit.
For proper operation, Vin and Vout should be constrained to the
range:
VSS < (Vin or Vout) < VDD
Unused inputs must always be tied to an appropriate logic
voltage level (either VSS or VDD).
Notes:
3. Multiple Supplies: The voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing is NOT required.
4. Unused inputs must be held high or low to prevent them from floating
5. For load conditions see Figure 7.
6. The value of VOC is expected to be |VTR + VCP|/2. In case of each clock directly terminated by a 120 resistor. See Figure 7.
7. All outputs switching loaded with 16pF in 60
environment. SeeFigure 7
DC Parameters[4] (VDDA = VDDQ = 2.5V + 5%, TA = 0 C to +70 C)
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
VIL
Input Low Voltage
SDATA, SCLK
1.0
V
VIH
Input High Voltage
SDATA, SCLK
2.2
V
VIL
Input Voltage Low
CLKIN, FBIN
0.4
V
VIH
Input Voltage High
CLKIN, FBIN
2.1
V
IIN
Input Current
VIN = 0V or VIN = VDDQ, CLKIN,
FBIN
–10
10
µA
IOL
Output Low Current
VDDQ = 2.375V, VOUT = 1.2V
26
35
mA
IOH
Output High Current
VDDQ = 2.375V, VOUT = 1V
–18
–32
mA
VOL
Output Low Voltage
VDDQ = 2.375V, IOL = 12 mA
0.6
V
VOH
Output High Voltage
VDDQ = 2.375V, IOH = –12 mA
1.7
V
VOUT
Output Voltage Swing[5}
1.1
VDDQ–0.4
V
VOC
Output Crossing
Voltage[6]
(VDDQ/2) –
0.2
VDDQ/2
(VDDQ/2) + 0.2
V
IOZ
High-Impedance Output
Current
VO = GND or VO = VDDQ
–10
10
µA
IDDQ
Dynamic Supply
Current[7]
All VDDQ and VDDI,
FO = 200 MHz
235
300
mA
IDSTAT
Static Supply Current
2
mA
IDD
PLL Supply Current
VDDA only
9
12
mA
CIN
Input Pin Capacitance
4
6
pF


Similar Part No. - CY28358OCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28358OCT CYPRESS-CY28358OCT Datasheet
76Kb / 11P
   200-MHz Differential Clock Buffer/Driver
More results

Similar Description - CY28358OCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28358 CYPRESS-CY28358 Datasheet
76Kb / 11P
   200-MHz Differential Clock Buffer/Driver
logo
SpectraLinear Inc
CY28351 SPECTRALINEAR-CY28351 Datasheet
145Kb / 7P
   Differential Clock Buffer/Driver
logo
Silicon Laboratories
CY28353-2 SILABS-CY28353-2 Datasheet
111Kb / 9P
   Differential Clock Buffer/Driver
logo
Cypress Semiconductor
CY2SSTV855 CYPRESS-CY2SSTV855 Datasheet
162Kb / 7P
   Differential Clock Buffer/Driver
CY2SSTV8575 CYPRESS-CY2SSTV8575 Datasheet
122Kb / 8P
   Differential Clock Buffer/Driver
logo
SpectraLinear Inc
CY2SSTV855 SPECTRALINEAR-CY2SSTV855 Datasheet
93Kb / 6P
   Differential Clock Buffer/Driver
logo
Cypress Semiconductor
CY2SSTV850 CYPRESS-CY2SSTV850 Datasheet
115Kb / 11P
   Differential Clock Buffer/Driver
CY2SSTV855 CYPRESS-CY2SSTV855_06 Datasheet
133Kb / 7P
   Differential Clock Buffer/Driver
logo
SpectraLinear Inc
CY2SSTV8575 SPECTRALINEAR-CY2SSTV8575 Datasheet
134Kb / 7P
   Differential Clock Buffer/Driver
logo
Silicon Laboratories
CY2SSTV855 SILABS-CY2SSTV855 Datasheet
78Kb / 6P
   Differential Clock Buffer/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com