Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28354OXC-400T Datasheet(PDF) 8 Page - SpectraLinear Inc

Part # CY28354OXC-400T
Description  210 MHz 24 Output Buffer for 4-DDR DIMMS for VIA Chipsets Support
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28354OXC-400T Datasheet(HTML) 8 Page - SpectraLinear Inc

  CY28354OXC-400T Datasheet HTML 1Page - SpectraLinear Inc CY28354OXC-400T Datasheet HTML 2Page - SpectraLinear Inc CY28354OXC-400T Datasheet HTML 3Page - SpectraLinear Inc CY28354OXC-400T Datasheet HTML 4Page - SpectraLinear Inc CY28354OXC-400T Datasheet HTML 5Page - SpectraLinear Inc CY28354OXC-400T Datasheet HTML 6Page - SpectraLinear Inc CY28354OXC-400T Datasheet HTML 7Page - SpectraLinear Inc CY28354OXC-400T Datasheet HTML 8Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Rev 1.0, November 22, 2006
Page 8 of 8
CY28354-400
While SLI has reviewed all information herein for accuracy and reliability, Spectra Linear Inc. assumes no responsibility for the use of any cir-
cuitry or for the infringement of any patents or other rights of third parties which would result from each use. This product is intended for use in
normal commercial applications and is not warranted nor is it intended for use in life support, critical medical instruments, or any other applica-
tion requiring extended temperature range, high reliability, or any other extraordinary environmental requirements unless pursuant to additional
processing by Spectra Linear Inc., and expressed written agreement by Spectra Linear Inc. Spectra Linear Inc. reserves the right to change any
circuitry or specification without notice.
Package Drawing and Dimension
48-LeadShrunkSmall OutlinePackageO48


Similar Part No. - CY28354OXC-400T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28354OXC-400T CYPRESS-CY28354OXC-400T Datasheet
214Kb / 9P
   210-MHz 24-Output Buffer for 4-DDR DIMMS for VIA Chipsets Support
logo
Silicon Laboratories
CY28354OXC-400T SILABS-CY28354OXC-400T Datasheet
120Kb / 8P
   210 MHz 24 Output Buffer for 4-DDR DIMMS for VIA Chipsets Support
More results

Similar Description - CY28354OXC-400T

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CY28354-400 SILABS-CY28354-400 Datasheet
120Kb / 8P
   210 MHz 24 Output Buffer for 4-DDR DIMMS for VIA Chipsets Support
logo
Cypress Semiconductor
CY28354-400 CYPRESS-CY28354-400 Datasheet
214Kb / 9P
   210-MHz 24-Output Buffer for 4-DDR DIMMS for VIA Chipsets Support
W255 CYPRESS-W255 Datasheet
255Kb / 10P
   200-MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
logo
SpectraLinear Inc
W255 SPECTRALINEAR-W255 Datasheet
195Kb / 9P
   200 MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
logo
Silicon Laboratories
W255 SILABS-W255 Datasheet
135Kb / 9P
   200 MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
logo
List of Unclassifed Man...
PLL103-02 ETC1-PLL103-02 Datasheet
208Kb / 7P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
PhaseLink Corporation
PLL103-02D PLL-PLL103-02D Datasheet
147Kb / 7P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
Abracon Corporation
ABB0302 ABRACON-ABB0302 Datasheet
63Kb / 6P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
PhaseLink Corporation
PLL103-02 PLL-PLL103-02 Datasheet
178Kb / 6P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
Cypress Semiconductor
CY28325-3 CYPRESS-CY28325-3 Datasheet
266Kb / 19P
   FTG for VIA Pentium 4 Chipsets
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com