Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28351 Datasheet(PDF) 6 Page - SpectraLinear Inc

Part # CY28351
Description  Differential Clock Buffer/Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28351 Datasheet(HTML) 6 Page - SpectraLinear Inc

  CY28351 Datasheet HTML 1Page - SpectraLinear Inc CY28351 Datasheet HTML 2Page - SpectraLinear Inc CY28351 Datasheet HTML 3Page - SpectraLinear Inc CY28351 Datasheet HTML 4Page - SpectraLinear Inc CY28351 Datasheet HTML 5Page - SpectraLinear Inc CY28351 Datasheet HTML 6Page - SpectraLinear Inc CY28351 Datasheet HTML 7Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CY28351
Rev 1.0, November 21, 2006
Page 6 of 7
t
c(n)
1
f(o)
t
jit(hper)
= t
c(n)
- 1
fo
YT[0:9], FBOUT
YC[0:9]
YT[0:9], FBOUT
YC[0:9]
Figure 4. Period Jitter
1
f(o)
t
(hper_N+1)
t
(hper_n)
t
jit(hper)
= t
hper(n)
- 1
2x fo
YT[0:9], FBOUT
YC[0:9]
Figure 5. Half-Period Jitter
t
j
it(cc) = tc(n)-tc(n+1)
YT[0:9], FBOUT
YC[0: 9]
t
c(n)
t
c(n)
Figure 6. Cycle-to-Cycle Jitter
CLKT
T
PCB
T
PCB
CLKC
M easurem ent Point
16 pF
M easurem ent Point
16 pF
CLKIN
FBIN
FBO UT
Figure 7. Differential Signal Using Direct Termination Resistor


Similar Part No. - CY28351

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28351 CYPRESS-CY28351 Datasheet
73Kb / 8P
   Differential Clock Buffer/Driver DDR400- and DDR333-Compliant
CY28351OC CYPRESS-CY28351OC Datasheet
73Kb / 8P
   Differential Clock Buffer/Driver DDR400- and DDR333-Compliant
CY28351OCT CYPRESS-CY28351OCT Datasheet
73Kb / 8P
   Differential Clock Buffer/Driver DDR400- and DDR333-Compliant
More results

Similar Description - CY28351

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CY28353-2 SILABS-CY28353-2 Datasheet
111Kb / 9P
   Differential Clock Buffer/Driver
logo
Cypress Semiconductor
CY2SSTV855 CYPRESS-CY2SSTV855 Datasheet
162Kb / 7P
   Differential Clock Buffer/Driver
CY2SSTV8575 CYPRESS-CY2SSTV8575 Datasheet
122Kb / 8P
   Differential Clock Buffer/Driver
logo
SpectraLinear Inc
CY2SSTV855 SPECTRALINEAR-CY2SSTV855 Datasheet
93Kb / 6P
   Differential Clock Buffer/Driver
logo
Cypress Semiconductor
CY2SSTV850 CYPRESS-CY2SSTV850 Datasheet
115Kb / 11P
   Differential Clock Buffer/Driver
CY2SSTV855 CYPRESS-CY2SSTV855_06 Datasheet
133Kb / 7P
   Differential Clock Buffer/Driver
logo
SpectraLinear Inc
CY2SSTV8575 SPECTRALINEAR-CY2SSTV8575 Datasheet
134Kb / 7P
   Differential Clock Buffer/Driver
logo
Silicon Laboratories
CY2SSTV855 SILABS-CY2SSTV855 Datasheet
78Kb / 6P
   Differential Clock Buffer/Driver
logo
SpectraLinear Inc
CY28358 SPECTRALINEAR-CY28358 Datasheet
135Kb / 10P
   200-MHz Differential Clock Buffer/Driver
logo
Cypress Semiconductor
CY28358 CYPRESS-CY28358 Datasheet
76Kb / 11P
   200-MHz Differential Clock Buffer/Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com