Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28346-2 Datasheet(PDF) 19 Page - SpectraLinear Inc

Part # CY28346-2
Description  Clock Synthesizer with Differential CPU Outputs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28346-2 Datasheet(HTML) 19 Page - SpectraLinear Inc

Back Button CY28346-2 Datasheet HTML 11Page - SpectraLinear Inc CY28346-2 Datasheet HTML 12Page - SpectraLinear Inc CY28346-2 Datasheet HTML 13Page - SpectraLinear Inc CY28346-2 Datasheet HTML 14Page - SpectraLinear Inc CY28346-2 Datasheet HTML 15Page - SpectraLinear Inc CY28346-2 Datasheet HTML 16Page - SpectraLinear Inc CY28346-2 Datasheet HTML 17Page - SpectraLinear Inc CY28346-2 Datasheet HTML 18Page - SpectraLinear Inc CY28346-2 Datasheet HTML 19Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
Rev 1.0, November 20, 2006
Page 19 of 19
CY28346-2
While SLI has reviewed all information herein for accuracy and reliability, Spectra Linear Inc. assumes no responsibility for the use of any cir-
cuitry or for the infringement of any patents or other rights of third parties which would result from each use. This product is intended for use in
normal commercial applications and is not warranted nor is it intended for use in life support, critical medical instruments, or any other applica-
tion requiring extended temperature range, high reliability, or any other extraordinary environmental requirements unless pursuant to additional
processing by Spectra Linear Inc., and expressed written agreement by Spectra Linear Inc. Spectra Linear Inc. reserves the right to change any
circuitry or specification without notice.
Package Drawings and Dimensions
Ordering Information
Part Number
Package Type
Product Flow
CY28346ZC-2
56-pin TSSOP–Tube
Commercial, 0 to 70 C
CY28346ZC-2T
56-pin TSSOP–Tape and Reel
Commercial, 0 to 70 C
CY28346ZI-2
56-pin TSSOP–Tube
Industrial, 0 to 85 C
CY28346ZI-2T
56-pin TSSOP–Tape and Reel
Industrial, 0 to 85 C
Lead-free
CY28346ZXC-2
56-pin TSSOP–Tube
Commercial, 0 to 70 C
CY28346ZXC-2T
56-pin TSSOP–Tape and Reel
Commercial, 0 to 70 C
SEATING
PLANE
1
BSC
0°-8°
MAX.
GAUGE PLANE
28
29
56
1.100[0.043]
0.051[0.002]
0.851[0.033]
0.508[0.020]
0.249[0.009]
7.950[0.313]
0.25[0.010]
6.198[0.244]
13.894[0.547]
8.255[0.325]
5.994[0.236]
0.950[0.037]
0.500[0.020]
14.097[0.555]
0.152[0.006]
0.762[0.030]
DIMENSIONS IN MM[INCHES] MIN.
MAX.
0.170[0.006]
0.279[0.011]
0.20[0.008]
0.100[0.003]
0.200[0.008]
REFERENCE JEDEC MO-153
PACKAGE WEIGHT 0.42gms
PART #
Z5624 STANDARD PKG.
ZZ5624 LEAD FREE PKG.
56-Lead Thin Shrunk Small Outline Package, Type II (6 mm x 12 mm) Z56


Similar Part No. - CY28346-2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2 Datasheet
160Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
CY28346-2 CYPRESS-CY28346-2 Datasheet
236Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346-2 SILABS-CY28346-2 Datasheet
169Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2_05 Datasheet
236Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
More results

Similar Description - CY28346-2

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28408 SPECTRALINEAR-CY28408 Datasheet
157Kb / 18P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2_05 Datasheet
236Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
CY28408 CYPRESS-CY28408 Datasheet
212Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346-2 SILABS-CY28346-2 Datasheet
169Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346 CYPRESS-CY28346 Datasheet
179Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28346 SPECTRALINEAR-CY28346 Datasheet
220Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346 SILABS-CY28346 Datasheet
200Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2 Datasheet
160Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
CY28346 CYPRESS-CY28346_05 Datasheet
274Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28405-2 SPECTRALINEAR-CY28405-2 Datasheet
497Kb / 48P
   Clock Synthesizer with Differential SRC and CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com